Electronic Components Datasheet Search
  English  ▼

X  

X40410 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X40410
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X40410 Datasheet HTML 1Page - Renesas Technology Corp X40410 Datasheet HTML 2Page - Renesas Technology Corp X40410 Datasheet HTML 3Page - Renesas Technology Corp X40410 Datasheet HTML 4Page - Renesas Technology Corp X40410 Datasheet HTML 5Page - Renesas Technology Corp X40410 Datasheet HTML 6Page - Renesas Technology Corp X40410 Datasheet HTML 7Page - Renesas Technology Corp X40410 Datasheet HTML 8Page - Renesas Technology Corp X40410 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN8116 Rev 0.00
Page 1 of 24
March 28, 2005
FN8116
Rev 0.00
March 28, 2005
X40410, X40411, X40414, X40415
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
DATASHEET
FEATURES
• Dual voltage detection and reset assertion
—Standard reset threshold settings
See Selection table on page 2.
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three voltages or detect power fail
• Independent Core Voltage Monitor (V2MON)
• Fault detection register
• Selectable power-on reset timeout (0.05s,
0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval (25ms,
200ms,1.4s, off)
• Low power CMOS
—25µA typical standby current, watchdog on
—6µA typical standby current, watchdog off
• 4Kbits of EEPROM
—16 byte page write mode
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect none or 1/2 of EEPROM
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8-lead SOIC, TSSOP
• Monitor Voltages: 5V to 0.9V
• Memory Security
• Independent Core Voltage Monitor
APPLICATIONS
• Communication Equipment
—Routers, Hubs, Switches
—Disk Arrays, Network Storage
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Computers
—Network Servers
DESCRIPTION
The X40410/11/14/15 combines power-on reset con-
trol, watchdog timer, supply voltage supervision, and
secondary voltage supervision, and Block Lock™ pro-
tect serial EEPROM in one package. This combination
lowers system cost, reduces board space require-
ments, and increases reliability.
Applying voltage to VCC activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscilla-
tor to stabilize before the processor can execute code.
BLOCK DIAGRAM
V2FAIL
WDO
RESET
RESET
X40410/14
X40411/15
Fault Detection
Register
Status
Register
EEPROM
Array
Data
Register
Command
Decode Test
& Control
Logic
Power-on,
Low Voltage
Reset
Generation
V2MON
SDA
SCL
VCC
(V1MON)
+
-
User Programmable
Threshold
Reset Logic
+
-
VTRIP1
User Programmable
VTRIP2
Watchdog Timer
and
Reset Logic
V2MON
VCC or
*X40410/11= V2MON*
X40414/15 = VCC
NOT RECOMMEN
DED FOR NEW D
ESIGNS
NO RECOMMEND
ED REPLACEMEN
T
contact our Techn
ical Support Cent
er at
1-888-INTERSIL o
r www.intersil.com
/tsc


Similar Part No. - X40410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410S8-A INTERSIL-X40410S8-A Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410S8-B INTERSIL-X40410S8-B Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410S8-C INTERSIL-X40410S8-C Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410S8I-A INTERSIL-X40410S8I-A Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40410

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
CPU Supervisor with 4kbit EEPROM
March 16, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com