Electronic Components Datasheet Search
  English  ▼

X  

X40410 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X40410
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X40410 Datasheet HTML 11Page - Renesas Technology Corp X40410 Datasheet HTML 12Page - Renesas Technology Corp X40410 Datasheet HTML 13Page - Renesas Technology Corp X40410 Datasheet HTML 14Page - Renesas Technology Corp X40410 Datasheet HTML 15Page - Renesas Technology Corp X40410 Datasheet HTML 16Page - Renesas Technology Corp X40410 Datasheet HTML 17Page - Renesas Technology Corp X40410 Datasheet HTML 18Page - Renesas Technology Corp X40410 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 15 of 24
March 28, 2005
Notes: (1) The device enters the Active state after any start, and remains active until: 9 clock cycles later if the Device Select Bits in the Slave
Address Byte are incorrect; 200ns after a stop ending a read operation; or tWC after a stop ending a write operation.
(2) The device goes into Standby: 200ns after any stop, except those that initiate a high voltage write cycle; tWC after a stop that initiates a
high voltage cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave Address Byte.
(3) VIL Min. and VIH Max. are for reference only and are not tested.
(4) At 25°C, VCC = 5V.
(5) See Ordering Information for standard programming levels. For custom programmed levels, contact factory.
(6) Based on characterization data.
EQUIVALENT INPUT CIRCUIT FOR VxMON (x = 1, 2)
CAPACITANCE
Note:
(1) This parameter is not 100% tested.
VCC Supply
VTRIP1(5) VCC Trip Point Voltage Range
2.0
4.75
V
4.55
4.6
4.65
V
X40410/11-A
4.35
4.4
4.45
V
X40410/11-B
2.85
2.9
2.95
V
X40410/11-C,
X40414/15-A&C
2.55
2.6
2.65
V
X40414/15-B
tRPD2(6)
VTRIP2 to V2FAIL
5µS
Second Supply Monitor
IV2
V2MON Current
15
µA
VTRIP2
V2MON Trip Point Voltage Range
1.7
0.9
4.75
3.5
V
V
X40410/11
X40414/15
2.85
2.9
2.95
V
X40410/11-A
2.55
2.6
2.65
V
X40410/11-B
1.65
1.7
1.75
V
X40410/11-C
1.25
1.3
1.35
V
X40414/15-A&B
0.95
1.0
1.05
V
X40414/15-C
D.C. OPERATING CHARACTERISTICS (Continued)
(Over the recommended operating conditions unless otherwise specified)
Symbol
Parameter
Min.
Typ.(4)
Max.
Unit
Test Conditions
+
–
VREF
tRPDX = 5µs worst case
Output Pin
VxMON
R
C
V = 100mV
V
Vref
Symbol
Parameter
Max.
Unit
Test Conditions
COUT(1)
Output Capacitance (SDA, RESET, RESET, V2FAIL,
WDO)
8pF
VOUT = 0V
CIN(1)
Input Capacitance (SCL)
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com