Electronic Components Datasheet Search
  English  ▼

X  

X5643 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X5643
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X5643 Datasheet HTML 11Page - Renesas Technology Corp X5643 Datasheet HTML 12Page - Renesas Technology Corp X5643 Datasheet HTML 13Page - Renesas Technology Corp X5643 Datasheet HTML 14Page - Renesas Technology Corp X5643 Datasheet HTML 15Page - Renesas Technology Corp X5643 Datasheet HTML 16Page - Renesas Technology Corp X5643 Datasheet HTML 17Page - Renesas Technology Corp X5643 Datasheet HTML 18Page - Renesas Technology Corp X5643 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 16 of 19
July 18, 2005
TYPICAL PERFORMANCE
18
16
14
12
10
8
6
4
2
0
Watchdog Timer On (VCC = 5V)
Watchdog Timer On (VCC = 5V)
Watchdog Timer Off (VCC = 3V, 5V)
-40
25
90
Temp (°C)
VCC Supply Current vs. Temperature (ISB)tWDO vs. Voltage/Temperature (WD1, 0 = 1, 1)
VTRIP vs. Temperature (programmed at 25°C)
tWDO vs. Voltage/Temperature (WD1, 0 = 1, 0)
tPURST vs. Temperature
tWDO vs. Voltage/Temperature (WD1, 0 0 = 0, 1)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
1.7
2.4
3.1
3.8
4.5
5.2
90°C
25°C
-40°C
Voltage
5.025
5.000
4.975
3.525
3.500
3.475
2.525
2.500
2.475
025
85
Temperature
VTRIP = 5V
VTRIP = 3.5V
VTRIP = 2.5V
0.8
0.75
0.7
0.65
0.6
0.55
0.5
0.45
1.7
5.2
Voltage
2.4
3.1
3.8
4.5
90°C
25°C
-40°C
200
195
190
185
180
175
170
165
160
-40
25
90
Degrees °C
205
90°C
25°C
-40°C
200
195
190
185
180
175
170
165
160
205
Voltage
1.7
5.2
2.4
3.1
3.8
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com