Electronic Components Datasheet Search
  English  ▼

X  

X5643 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # X5643
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button X5643 Datasheet HTML 11Page - Renesas Technology Corp X5643 Datasheet HTML 12Page - Renesas Technology Corp X5643 Datasheet HTML 13Page - Renesas Technology Corp X5643 Datasheet HTML 14Page - Renesas Technology Corp X5643 Datasheet HTML 15Page - Renesas Technology Corp X5643 Datasheet HTML 16Page - Renesas Technology Corp X5643 Datasheet HTML 17Page - Renesas Technology Corp X5643 Datasheet HTML 18Page - Renesas Technology Corp X5643 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 18 of 19
July 18, 2005
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.020 (0.51)
Pin 1
Pin 1 Index
0.050 (1.27)
0.336 (8.55)
0.345 (8.75)
0.004 (0.10)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
14-Lead Plastic Small Outline Gullwing Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" Typical
0.050" Typical
0.030" Typical
14 Places
FOOTPRINT
0.010 (0.25)
0.020 (0.50)
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° - 8°
X 45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com