Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products MAX9986 Datasheet HTML 9Page - Maxim Integrated Products MAX9986 Datasheet HTML 10Page - Maxim Integrated Products MAX9986 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
35
40
45
50
55
60
30
740
1040
TC = -40°C, -25°C
TC = +25°C
TC = +85°C
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
35
40
45
50
55
60
30
740
1040
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
35
40
45
50
55
60
30
740
1040
VCC = 4.75V, 5.0V, 5.25V
30
40
0
35
20
25
10
15
5
740
800
860
920
980
1040
1100
RF PORT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
30
0
40
35
20
25
10
15
5
50
150
200
100
250
300
350
IF PORT RETURN LOSS
vs. IF FREQUENCY
IF FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
40
0
50
30
20
10
700
800
900
1000
1100
1200
1300
LO SELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
40
0
50
30
20
10
700
800
900
1000
1100
1200
1300
LO UNSELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
220
210
240
200
230
-40
-15
10
35
85
60
SUPPLY CURRENT
vs. TEMPERATURE (TC)
TEMPERATURE (°C)
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
Typical Operating Characteristics (continued)
(MAX9986 Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fLO > fRF, fIF = 160MHz, unless otherwise noted.)
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com