Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products MAX9986 Datasheet HTML 9Page - Maxim Integrated Products MAX9986 Datasheet HTML 10Page - Maxim Integrated Products MAX9986 Datasheet HTML 11Page - Maxim Integrated Products MAX9986 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to
www.maxim-ic.com/packages.)
D2
(ND-1) X e
e
D
C
PIN # 1
I.D.
(NE-1) X e
E/2
E
0.08 C
0.10 C
A
A1 A3
DETAIL A
E2/2
E2
0.10 M C A B
PIN # 1 I.D.
b
0.35x45°
D/2
D2/2
L
C
L
C
e
e
L
C
CL
k
L
L
DETAIL B
L
L1
e
XXXXX
MARKING
H
1
2
21-0140
PACKAGE OUTLINE,
16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
L
e/2
COMMON DIMENSIONS
3.35
3.15
T2855-1
3.25
3.35
3.15 3.25
MAX.
3.20
EXPOSED PAD VARIATIONS
3.00
T2055-2
3.10
D2
NOM.
MIN.
3.20
3.00 3.10
MIN.
E2
NOM. MAX.
NE
ND
PKG.
CODES
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL
CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE
OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1
IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE.
5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN
0.25 mm AND 0.30 mm FROM TERMINAL TIP.
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY.
7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION.
8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
9. DRAWING CONFORMS TO JEDEC MO220, EXCEPT EXPOSED PAD DIMENSION FOR T2855-1,
T2855-3, AND T2855-6.
NOTES:
SYMBOL
PKG.
N
L1
e
E
D
b
A3
A
A1
k
10. WARPAGE SHALL NOT EXCEED 0.10 mm.
JEDEC
T1655-1
3.20
3.00 3.10
3.00 3.10 3.20
0.70
0.80
0.75
4.90
4.90
0.25
0.25
0
--
4
WHHB
4
16
0.35
0.30
5.10
5.10
5.00
0.80 BSC.
5.00
0.05
0.20 REF.
0.02
MIN.
MAX.
NOM.
16L 5x5
3.10
T3255-2
3.00
3.20 3.00 3.10 3.20
2.70
T2855-2
2.60
2.60
2.80
2.70 2.80
L
0.30
0.50
0.40
--
-
--
-
WHHC
20
5
5
5.00
5.00
0.30
0.55
0.65 BSC.
0.45
0.25
4.90
4.90
0.25
0.65
-
-
5.10
5.10
0.35
20L 5x5
0.20 REF.
0.75
0.02
NOM.
0
0.70
MIN.
0.05
0.80
MAX.
--
-
WHHD-1
28
7
7
5.00
5.00
0.25
0.55
0.50 BSC.
0.45
0.25
4.90
4.90
0.20
0.65
-
-
5.10
5.10
0.30
28L 5x5
0.20 REF.
0.75
0.02
NOM.
0
0.70
MIN.
0.05
0.80
MAX.
--
-
WHHD-2
32
8
8
5.00
5.00
0.40
0.50 BSC.
0.30
0.25
4.90
4.90
0.50
-
-
5.10
5.10
32L 5x5
0.20 REF.
0.75
0.02
NOM.
0
0.70
MIN.
0.05
0.80
MAX.
0.20 0.25 0.30
DOWN
BONDS
ALLOWED
NO
YES
3.10
3.00
3.20
3.10
3.00
3.20
T2055-3
3.10
3.00
3.20
3.10
3.00
3.20
T2055-4
T2855-3
3.15 3.25 3.35 3.15 3.25 3.35
T2855-6
3.15 3.25 3.35 3.15 3.25 3.35
T2855-4
2.60 2.70 2.80 2.60 2.70 2.80
T2855-5
2.60 2.70 2.80 2.60 2.70 2.80
T2855-7
2.60 2.70 2.80 2.60 2.70 2.80
3.20
3.00 3.10
T3255-3
3.20
3.00 3.10
3.20
3.00 3.10
T3255-4
3.20
3.00 3.10
NO
NO
NO
NO
NO
NO
NO
NO
YES
YES
YES
YES
3.20
3.00
T1655-2
3.10
3.00 3.10 3.20
YES
NO
3.20
3.10
3.00
3.10
T1655N-1
3.00
3.20
3.35
3.15
T2055-5
3.25
3.15 3.25 3.35
YES
3.35
3.15
T2855N-1
3.25
3.15 3.25 3.35
NO
3.35
3.15
T2855-8
3.25
3.15 3.25 3.35
YES
3.20
3.10
T3255N-1
3.00
NO
3.20
3.10
3.00
L
0.40
0.40
**
**
**
**
**
**
**
**
**
**
**
**
**
**
**
**
**
**
** SEE COMMON DIMENSIONS TABLE
±0.15
11. MARKING IS FOR PACKAGE ORIENTATION REFERENCE ONLY.
H
2
2
21-0140
PACKAGE OUTLINE,
16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
12. NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY.
3.30
T4055-1
3.20
3.40 3.20 3.30 3.40
**
YES
0.05
00.02
0.60
0.40 0.50
10
-----
0.30
40
10
0.40 0.50
5.10
4.90 5.00
0.25 0.35 0.45
0.40 BSC.
0.15
4.90
0.25
0.20
5.00 5.10
0.20 REF.
0.70
MIN.
0.75 0.80
NOM.
40L 5x5
MAX.
13. LEAD CENTERLINES TO BE AT TRUE POSITION AS DEFINED BY BASIC DIMENSION "e", ±0.05.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com