Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products MAX9986 Datasheet HTML 9Page - Maxim Integrated Products MAX9986 Datasheet HTML 10Page - Maxim Integrated Products MAX9986 Datasheet HTML 11Page - Maxim Integrated Products MAX9986 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
______________________________________________________________________________________
11
Typical Application Circuit
MAX9986
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
20
19
18
17
16
GND
C4
C11
C6
C7
R2
C3
C14
C13
C15
C5
C1
RF
INPUT
C10
C12
LO1
INPUT
LO2
INPUT
IF
OUTPUT
C2
C8
C9
TAP
RF
VCC
VCC
VCC
LOSEL
INPUT
VCC
VCC
R1
R3
L2
L1
L3
1
3
2
6
4
T1
VCC
VCC
GND
GND
LO2
GND
LO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com