Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 26Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 27Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 28Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 29Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 30Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 31Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 32Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
30
January 26, 2016
2.7.
LIN Interface
The ZAMC4100 features a LIN slave interface with hardware resources covering the physical and data link
communication layers (see Figure 2.2). The network layer must be implemented as part of the MCU firmware.
The LIN PHY is built into the SBC chip and is LIN2.0/2.1 compatible. It supports LIN wake-up detection, short-
circuit detection/protection and dominant time-out detection/protection. All events are captured as interrupt flags in
the SBC interrupt controller, and the MCU can access them via the SPI interface.
Figure 2.2 ZAMC4100 LIN Interface and Open Systems Interconnection (OSI) Layers Coverage
SBC: LIN PHY,
Wake-up, Diagnostics
MCU: LIN Controller
MCU: Firmware
(LIN Protocol Engine)
PHYSICAL
Media, Signal & Binary
Transmission
DATA LINK
Physical Addressing
NETWORK
Path Determination &
Logical Addressing
BITS
FRAMES
PACKETS
OSI Model
The block diagram in Figure 2.3 shows the ZAMC4100 LIN interface structure and the partitioning between the
SBC and MCU chips. The hardware for covering the LIN data link layer is implemented in the MCU chip as a LIN
controller. The MCU LIN controller features a UART module for the LIN frame generation, BREAK/SYNC
detection fields, and LIN bus inactivity timer.
Figure 2.3 LIN Slave Node Implementation in the ZAMC4100
RX
TX
pd
RXD
TXD
LIN
LIN PHY
TXD
TXD
RXD
RXD
LIN Wake-up
Diag & Ctrl
Dominant
Time-Out
LIN Short
(debounced)
LIN Wake-up
LIN Pwr Crtl
LIN Controller
BREAK/SYNC
Detection
Inactivity Timer
(4 sec)
SBC Chip
MCU Chip
UART
sh
sh = short
pd = power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com