Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 46Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 47Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
44
January 26, 2016
3.5.2.
SLEEP Mode
In SLEEP Mode, current consumption is very low, less than 80µA. The MCU chip is powered-down and the SBC
supports only the functionality necessary for detecting a LIN wake-up or WDT wake-up event (see section 3.5.4).
In this mode, all drivers are automatically disabled. The MCU enables SLEEP Mode by setting the SLEEP bit in
the SMDCTRL register (Table 3.5). SLEEP Mode is exited if the SBC detects a wake-up event from the LIN bus
and consequently it re-activates the MCU as well as re-enabling the drivers.
Figure 3.7 shows the system behavior when the SLEEP Mode is enabled. The procedure starts with switching-off
the MCU supply and SBC analog blocks supply. In order to minimize power consumption, the SBC digital clock
switches to the OSCL (125kHz).
Important note: If there is a failure in the OSCL (see section 3.2), the SLEEP Mode entry command is ignored.
As a result, the system avoids undefined states with a powered-off MCU but with power supplied for the analog
circuitry (see SLEEP Mode entry flow in Figure 3.7).
When a valid LIN wake-up is detected, the SBC chip starts the procedure for returning to the NORMAL Mode.
During this procedure, the analog blocks are powered-up, the SBC digital clock is switched to 4MHz, and the
MCU supply is enabled. Before enabling the MCU clock and releasing the MCU reset, the SBC performs an MCU
supply check that is the same as the checks at system start-up. If the MCU supply voltages are in range, it starts
operating; otherwise the system switches back to SLEEP Mode.
Important notes:
1) Activation of a driver immediately after wake-up from Sleep Mode is not possible due to the relatively slow
settling time of the charge pump (see parameter tCP_STL in Table 1.17). The CP condition is continuously
monitored by the CPVEIF flag, which can be auto-cleared when a stable CP voltage is present if that
functionality is enabled. Refer to section 3.4.4 for more details regarding charge pump voltage monitoring.
2) When SLEEP Mode is enabled, all drivers are automatically disabled. If needed, after wake-up the MCU
should re-enable the drivers by setting the corresponding enable bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com