Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 62Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 63Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 64Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 65Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 66Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 67Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 68Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 69Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
66
January 26, 2016
3.9.1.
High-Side Control and Status Register
Table 3.20 HSDCTRL Register Bits Mapping
Name
HSDCTRL
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x08
R/W = Read/Write
Table 3.21 HSDCTRL Register Bits Description
Bit
Description
7:4
HSxCSEN:
1), 2) Current source enable bit for high-side driver x, (x = 4 to 1).
1 = The current source of high-side driver x is enabled.
0 = The current source of high-side driver x is disabled.
3:0
HSxEN:
2), 3), 4) High-side driver enable.
1 = High-side driver x (x = 4 to 1) enabled.
0 = High-side driver x (x = 4 to 1) disabled.
Note: Bits HSxEN are automatically cleared at SLEEP or STANDBY Mode entry.
1)
To keep current consumption as low as possible, the MCU software should disable the current sources before enabling the SLEEP or STANDBY Modes.
2)
These bits are automatically cleared in the event of an over-temperature event.
3)
Bits HSxEN are automatically cleared at SLEEP or STANDBY Mode entry.
4)
These bits are gated if failure event (OVT, OC, OV, UV, CPVE) is captured in interrupt flag (see Figure 3.14).
3.9.2.
High-Side Over-Current Protection
The high-side over-current protection circuitry is identical to the protection for the half-bridge driver previously
discussed in section 3.8.2.
3.9.3.
High-Side Drivers Output Diagnostic Check
Each high-side driver has a dedicated diagnostic circuitry that is able to detect an open/short failure in the output
load. The diagnostic functionality is controlled and monitored respectively by registers HSDCTRL (Table 3.20 and
Table 3.21) and HSDSTAT (Table 3.22 and Table 3.23). Table 3.24 gives the meaning of the HSxOSF flags in the
HSDSTAT register with respect to the value of bit HSxCSEN in the HSDCTRL register, which controls the
corresponding diagnostic current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com