Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2V Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ZAMC4100GA2V
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2V Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ZAMC4100GA2V Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 46Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 47Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 48Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 49Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 50Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
47
January 26, 2016
Table 3.9). This interrupt is useful if the MCU has executed a clock-gating instruction and the software execution
is stopped until an event on the IRQN line occurs.
WDT Wake-up on System Reset Time-Out (SLEEP Mode)
This wake-up is generated only when the system is in SLEEP Mode and the watchdog timer is enabled to run in
SLEEP Mode (WDTPMEN = 1). When a system reset time-out occurs, it does not generate system reset, only a
wake-up event and return to the NORMAL Mode.
Wake-up on SBC Interrupt (STANDBY Mode)
The previous sections described the most common sources for waking up the system and returning to the
NORMAL Mode: the LIN wake up and WDT time-out. In general when the system is in STANDBY Mode, any SBC
interrupt propagated on the IRQN line will restore the MCU clock and switch the system to the NORMAL Mode.
3.5.5.
Operational Modes Control
Switching from NORMAL to SLEEP or STANDBY Mode is initiated by the MCU by setting the SLEEP or STBY
bits of register SMDCTRL (Table 3.5).
The SLEEP Mode is activated by setting the SLEEP bit = 1. The STANDBY Mode is activated by setting the
STBY bit = 1. If the MCU reads the SLEEP or STBY bits, the returned result is 0.
NOTE: If the MCU tries to set both bits at the same time, the write command will be ignored.
Table 3.5
SMDCTRL Register Bits Mapping
Name
SMDCTRL
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
0
0
0
1
1
0
0
Access
U
R/W
R/W
R/W
R/W
R/W
W
W
Address
0x03
R/W = Read/Write bit; W = Write-only bit, read as 0;
U = Unimplemented, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com