Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2V Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZAMC4100GA2V
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2V Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZAMC4100GA2V Datasheet HTML 53Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 54Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 55Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 56Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 57Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 58Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 59Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 60Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
57
January 26, 2016
If the data is successfully shifted into the SBC, the WRITE command is executed on the rising edge of CSN. This
allows the MCU to control precisely the moment when the data is written. For example, the drivers are enabled by
writing in their control register (see sections 3.8, 3.9, or 3.11) and in this case the CSN rising edge marks the
beginning of the motor operation.
3.7.3.
SPI Pipelined Write/Read Access
In order to provide bidirectional data transfer, the SBC SPI slave provides functionality for performing a register
data READ while the WRITE frame is transferred. This functionality is implemented as automatic indirect
addressing of the SBC registers using the SPIDPTR register (Table 3.50) as the data pointer.
Register SPIDPTR points to the address of the register from which content will be automatically shifted out while
the SBC receives the data WRITE byte. This feature allows pipelining of the ADC conversion and the data WRITE
(see section 3.12.7).
3.7.4.
SPI Read Access
To read data from SBC registers, the MCU sends a frame as shown in Figure 3.10–B.
1) Command byte (CMD) with the R/
W bit = 1, the 5-bit address of the register that is going to be read, and
the B bit with a value depending on the READ access type:
a. Single data read: B = 0
b. Burst data read: B = 1
2) Data byte: The MCU sends dummy data bits (keep as 0) while the SBC shifts out the contents of the
register pointed to by the address value in the command field.
The SPI read access allows the MCU to read more than one data byte. The SBC shifts out data as long as the
CSN line is low and the SPI clock is running. If bit B = 0, the SBC shifts out all data from only one address, i.e.
continuous reading of a single address (Figure 3.11-A). If bit B = 1, the SBC shifts out multiple consecutive data
bytes and increments the address after sending each byte (Figure 3.11-B). In the case of a one-byte READ, the B
bit value is “don’t care.”
Figure 3.11 SPI Single or Burst Access
A) Single Address SPI READ
0
7
MISO
MOSI
SSB
0
7
CSN
0
7
RD DATA(Addr)
0
7
0
7
RD DATA (Addr)
0
7
B) Burst SPI READ
1
0
Address[4:0]
0
7
MISO
MOSI
SSB
0
7
CSN
0
7
RD DATA(Addr)
0
7
0
7
RD DATA (Addr+1)
0
7
1
1
Address[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com