Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2V Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ZAMC4100GA2V
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2V Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ZAMC4100GA2V Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 46Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 47Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 48Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 49Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 50Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 51Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
48
January 26, 2016
Table 3.6
SMDCTRL Register Bits Description
Bit
Description
6
CPVEIFAC: “Charge Pump Voltage Error Interrupt Flags Automatic Clear” enable bit.
1 = CPVEIF in the RSTSTAT register (Table 3.1) is automatically cleared when the interrupt event is resolved.
0 = Automatic clearing of CPVEIF is disabled.
5
SEIFAC: “Supply Error Interrupt Flags Automatic Clear” enable bit.
1 = Supply error flags UVIF and OVIF in the RSTSTAT register are automatically cleared when the interrupt
event is resolved.
0 = Automatic clear of supply error flags is disabled.
4
WDTPMEN: Bit for enabling the WDT during SLEEP and STANDBY Modes.
1 = WDT is enabled and running in SLEEP and STANDBY Modes.
0 = WDT is disabled in SLEEP and STANDBY Modes.
3
OVDP: “Over-Voltage Drivers Protection” enable bit.
1 = Over-voltage event automatically disables all drivers (HB, HS, ECM).
0 = The drivers are enabled even if an over-voltage event is detected.
2
UVDP: “Under-Voltage Drivers Protection” bit.
1 = Under-voltage event automatically disables all drivers (HB, HS, ECM).
0 = The drivers are enabled even if an under-voltage event is detected.
1
STBY: STANDBY Mode enable bit.
1 = Enables the STANDBY Mode.
0 = The system stays in NORMAL Mode.
0
SLEEP: SLEEP Mode enable bit.
1 = Enables the SLEEP Mode.
0 = The system stays in NORMAL Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com