Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZLED7001 Datasheet HTML 1Page - Renesas Technology Corp ZLED7001 Datasheet HTML 2Page - Renesas Technology Corp ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.6
PWMD pin input high
voltage
VENH
2
V
1.3.7
PWMD pin pull-up
resistance
REN
100
kΩ
1.3.8
Current sense threshold
voltage
VCSTH
215
240
265
mV
1.3.9
LD pin voltage low
threshold
VLDL
50
mV
1.3.10
LD pin voltage high
threshold
VLDH
240
mV
1.3.11
Current sense blanking
interval
TBLANK
400
480
550
ns
1.3.12
Output delay
tDELAY
VCS = VCSTH + 50mV, after
TBLANK
30
ns
1.3.13
OFF time
TOFF
TOFF pin floating
480
510
550
ns
1.3.14
GATE output rise time
tRISE
CGATE = 500pF
19
ns
1.3.15
GATE output fall time
tFALL
CGATE = 500pF
29
ns
1.3.16
REF pin voltage
VREF
1.12
1.20
1.30
V
1.3.17
REF pin load current
IREF
0.5
mA
1.3.18
Load regulation of
reference voltage
VREFLOAD
IREF = 0 to 500µA, PWMD
= 5.0V
0.5
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com