Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZLED7001 Datasheet HTML 2Page - Renesas Technology Corp ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp ZLED7001 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
Bandgap
Blanking
480ns
RS
POR
UVLO
n LED
L1
R2
NTC
5
6
D1
RCS
CLED
Q1
VS
CIN
C1
R1
8 to 450 VDC
2
3
1
RIN
CS
LD
VREF
VIN
PWMD
GATE
GND
4
7
COFF
TOFF
ZLED7001
Timing
Circuit
7.1V Clamp
R
R
R
0.24V
0.05V
+
+
+
0.24V
Driver
R
S
Q
CMP1
CMP2
CMP3
8
vdda
vdda
vddd
Voltage
Regulator
REN
2
Circuit Description
The ZLED7001 is a peak current-mode-control LED driver IC that operates in constant off-time mode, enabling
proper LED current control without additional loop compensation or high-side current sensing. The ZLED7001
supports both linear and PWM control of the LED current. Only a few external components are needed for typical
applications. It is well-suited for buck LED driver applications.
2.1.
ZLED7001 Block Diagram
2.2.
Application Signal Flow
A capacitor between the TOFF pin and ground determines the internal timer’s off-time. The timer pulses set flip-flop
in the ZLED7001, turning on the GATE pin driver, which is connected to the Q1 external MOSFET. When Q1
turns on, a ramp current flows through the LED(s), the L1 external inductor, and the external sense resistor RCS.
This results in a ramp voltage applied at the CS pin, which the ZLED7001’s two internal comparators continually
compare to the voltage at its LD pin and its internal 240mV reference. If either comparator goes high and the
blanking time is expired (see Table 1.3), the flip-flop is reset, causing the GATE pin output to go low, shutting off
the current through the LED(s).
The peak current control scheme with constant off-time can easily operate at duty cycles higher than 0.5 and also
gives inherent input voltage rejection, making the LED current almost insensitive to input voltage variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com