Electronic Components Datasheet Search
  English  ▼

X  

ZLED7001 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp ZLED7001 Datasheet HTML 10Page - Renesas Technology Corp ZLED7001 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
(
)
S
G
IN
f
Q
mA
5
.
0
I
+
IN
IN
INDC
IN
I
V
V
R
=
2.3.
Input Voltage Regulator
The value and rating of the RIN input resistor must be selected as needed to drop the application supply voltage
(Vs) to the proper operating voltage for the ZLED7001 specified in section 0 (see equation (2) below). When these
conditions are met, the ZLED7001’s internal input voltage regulator maintains a stable 7.1V (typical) at the VIN pin
to power the ZLED7001. A low-equivalent-series-resistance (ESR) bypass capacitor is required on the VIN pin to
provide a low-impedance path for the GATE pin output driver’s high frequency current.
The VIN pin draws an input current that is the sum of the 0.5mA (typical) required by the internal circuit and the
average current drawn by the GATE driver. The GATE driver current is primarily determined by the GATE charge
(QG) and switching frequency (fs) of the external MOSFET as shown in equation (1).
(1)
Where
fS =
Switching frequency
G
Q = External MOSFET gate charge (refer to the MOSFET data sheet)
The input resistor RIN value is given by equation (2).
(2)
For two typical MOSFET types, the following IIN diagram will result:
Figure 2.1
Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com