Electronic Components Datasheet Search
  English  ▼

X  

SBFP540M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # SBFP540M
Description  UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button SBFP540M Datasheet HTML 7Page - Sanyo Semicon Device SBFP540M Datasheet HTML 8Page - Sanyo Semicon Device SBFP540M Datasheet HTML 9Page - Sanyo Semicon Device SBFP540M Datasheet HTML 10Page - Sanyo Semicon Device SBFP540M Datasheet HTML 11Page - Sanyo Semicon Device SBFP540M Datasheet HTML 12Page - Sanyo Semicon Device SBFP540M Datasheet HTML 13Page - Sanyo Semicon Device SBFP540M Datasheet HTML 14Page - Sanyo Semicon Device SBFP540M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SBFP540M
No.7494-11/16
S Parameters (Common emitter)
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.841
--23.5
13.680
161.4
0.015
74.7
0.963
--13.3
400
0.818
--45.8
12.839
145.5
0.028
65.8
0.916
--25.1
600
0.728
--61.4
11.144
130.5
0.036
54.8
0.833
--36.1
800
0.688
--78.2
10.131
119.9
0.043
51.5
0.787
--41.0
1000
0.621
--96.2
8.897
108.6
0.049
42.1
0.720
--44.8
1200
0.589
--110.1
8.174
99.5
0.054
39.6
0.658
--53.2
1400
0.547
--122.9
7.224
91.8
0.054
36.0
0.623
--55.9
1600
0.527
--132.9
6.607
85.1
0.059
32.8
0.559
--59.5
1800
0.497
--142.7
5.968
79.4
0.062
33.3
0.560
--61.5
2000
0.472
--151.3
5.202
74.3
0.062
29.8
0.552
--63.4
2200
0.461
--159.5
5.029
68.8
0.065
28.5
0.521
--67.9
2400
0.464
--166.6
4.713
63.4
0.068
27.1
0.511
--69.6
2600
0.455
--173.4
4.351
57.9
0.071
25.8
0.497
--71.2
2800
0.459
177.7
3.972
53.1
0.073
22.4
0.489
--73.3
3000
0.456
170.3
3.904
48.5
0.073
24.3
0.463
--77.4
3200
0.453
163.6
3.700
44.1
0.077
20.7
0.453
--78.9
3400
0.449
157.0
3.488
39.7
0.080
20.6
0.433
--81.1
3600
0.452
150.9
3.325
35.2
0.082
19.3
0.415
--84.7
3800
0.446
145.5
3.177
30.9
0.083
18.5
0.405
--87.6
4000
0.448
140.4
3.027
26.8
0.087
17.4
0.397
--90.7
4200
0.460
134.5
2.922
22.7
0.092
15.2
0.381
--92.6
4400
0.454
128.9
2.805
18.5
0.095
14.5
0.366
--96.3
4600
0.460
124.0
2.696
14.3
0.096
13.5
0.362
--98.8
4800
0.463
118.5
2.607
9.9
0.100
10.8
0.359
--102.5
5000
0.461
112.9
2.525
5.8
0.102
9.9
0.351
--105.6
5200
0.464
108.1
2.396
1.8
0.105
7.1
0.351
--108.9
5400
0.451
103.3
2.343
--2.2
0.108
6.0
0.339
--113.6
5600
0.458
99.2
2.202
--5.7
0.113
4.2
0.360
--117.4
5800
0.459
94.3
2.206
--9.8
0.116
2.1
0.341
--120.0
6000
0.465
89.1
2.148
--13.8
0.122
0.9
0.337
--122.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com