Electronic Components Datasheet Search
  English  ▼

X  

SBFP540M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBFP540M
Description  UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBFP540M Datasheet HTML 1Page - Sanyo Semicon Device SBFP540M Datasheet HTML 2Page - Sanyo Semicon Device SBFP540M Datasheet HTML 3Page - Sanyo Semicon Device SBFP540M Datasheet HTML 4Page - Sanyo Semicon Device SBFP540M Datasheet HTML 5Page - Sanyo Semicon Device SBFP540M Datasheet HTML 6Page - Sanyo Semicon Device SBFP540M Datasheet HTML 7Page - Sanyo Semicon Device SBFP540M Datasheet HTML 8Page - Sanyo Semicon Device SBFP540M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SBFP540M
No.7494-2/16
Package Dimensions
Electrical Connection
unit : mmm
2213
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
70
80
60
90
100
0123
5
4
0.1
23
5
7
1.0
23
5
7
10
1.0
10
1000
100
hFE -- IC
1.0
2
23
35
2
100
73
5
7
0.1
57
10
Collector Current, IC -- mA
IT05940
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT05938
IT05939
0
2
4
6
8
10
12
0.1
2
5
7
1.0
3
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT05941
f=1MHz
2
3
5
7
2
3
7
2
3
5
7
IB=10µA
20µA
30µA
40µA
50µA
60µ
A
70µ
A
80µA
90µA
100µ
A
5
VCE=3.5V
1V
12
43
1 : Collector
2 : Emitter
3 : Base
4 : Emitter
Top view
Pay attention to
handling since it is
liable to be affected by
static electricity due to
the high-frequency
process adopted.
1 : Collector
2 : Emitter
3 : Base
4 : Emitter
SANYO : MCPH4
2.0
1.3
0.3
1
2
12
43
4
3
0.15
Bottom view
Top view
Side view
Side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com