Electronic Components Datasheet Search
  English  ▼

X  

SBFP540M Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # SBFP540M
Description  UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540M Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button SBFP540M Datasheet HTML 8Page - Sanyo Semicon Device SBFP540M Datasheet HTML 9Page - Sanyo Semicon Device SBFP540M Datasheet HTML 10Page - Sanyo Semicon Device SBFP540M Datasheet HTML 11Page - Sanyo Semicon Device SBFP540M Datasheet HTML 12Page - Sanyo Semicon Device SBFP540M Datasheet HTML 13Page - Sanyo Semicon Device SBFP540M Datasheet HTML 14Page - Sanyo Semicon Device SBFP540M Datasheet HTML 15Page - Sanyo Semicon Device SBFP540M Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SBFP540M
No.7494-13/16
S Parameters (Common emitter)
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.547
--43.7
34.553
149.7
0.012
73.1
0.889
--22.9
400
0.497
--78.1
28.092
127.6
0.019
68.3
0.749
--39.0
600
0.399
--100.2
21.594
111.6
0.025
57.4
0.626
--49.3
800
0.373
--116.0
17.425
101.5
0.030
56.2
0.560
--52.3
1000
0.355
--135.9
14.386
92.3
0.033
53.7
0.482
--53.8
1200
0.344
--146.9
12.314
85.2
0.037
54.3
0.441
--62.1
1400
0.332
--158.5
10.565
79.2
0.043
52.8
0.408
--62.8
1600
0.328
--166.0
9.336
73.9
0.048
54.0
0.399
--64.9
1800
0.319
--174.4
8.304
69.1
0.052
51.7
0.368
--65.1
2000
0.311
177.2
7.414
64.8
0.056
48.4
0.356
--66.7
2200
0.308
171.2
6.802
60.4
0.062
48.5
0.345
--70.1
2400
0.307
166.6
6.341
55.9
0.067
46.0
0.344
--71.3
2600
0.304
161.3
5.879
51.5
0.073
43.4
0.326
--72.7
2800
0.317
153.8
5.427
47.3
0.077
39.9
0.319
--74.6
3000
0.325
148.9
5.123
43.1
0.081
39.5
0.313
--77.7
3200
0.323
142.6
4.818
39.5
0.085
37.2
0.304
--78.8
3400
0.325
138.1
4.524
35.7
0.091
34.3
0.292
--80.5
3600
0.331
133.3
4.297
31.8
0.095
33.7
0.275
--84.9
3800
0.331
128.8
4.095
28.1
0.100
30.1
0.262
--88.3
4000
0.334
125.2
3.911
24.6
0.102
27.9
0.254
--91.5
4200
0.350
120.1
3.767
20.8
0.110
24.4
0.244
--92.8
4400
0.348
115.8
3.600
17.1
0.114
22.3
0.224
--96.2
4600
0.355
111.4
3.469
13.5
0.117
21.5
0.217
--99.0
4800
0.359
106.7
3.355
9.5
0.121
17.4
0.216
--102.8
5000
0.362
101.7
3.246
5.6
0.127
15.2
0.210
--105.2
5200
0.362
97.0
3.122
1.7
0.131
12.9
0.201
--108.5
5400
0.357
93.2
3.000
--1.8
0.134
10.0
0.196
--113.8
5600
0.364
89.9
2.914
--5.2
0.136
6.8
0.203
--117.3
5800
0.362
85.6
2.827
--9.0
0.141
5.1
0.199
--118.8
6000
0.368
80.2
2.762
--12.9
0.148
2.6
0.199
--121.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com