Electronic Components Datasheet Search
  English  ▼

X  

TL16C752BTPTREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 5 Page - Texas Instruments

  TL16C752BTPTREP Datasheet HTML 1Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 2Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 3Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 4Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 5Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description (continued)
trigger levels
The TL16C752B-EP provides independent selectable and programmable trigger levels for both receiver and
transmitter DMA and interrupt generation. After reset, both transmitter and receiver FIFOs are disabled and so,
in effect, the trigger level is the default value of one byte. The selectable trigger levels are available via the FCR.
The programmable trigger levels are available via the TLR.
hardware flow control
Hardware flow control is comprised of auto-CTS and auto-RTS. Auto-CTS and auto-RTS can be enabled/
disabled independently by programming EFR[7:6].
With auto-CTS, CTS must be active before the UART can transmit data.
Auto-RTS only activates the RTS output when there is enough room in the FIFO to receive data and deactivates
the RTS output when the RX FIFO is sufficiently full. The halt and resume trigger levels in the TCR determine
the levels at which RTS is activated/deactivated.
If both auto-CTS and auto-RTS are enabled, when RTS is connected to CTS, data transmission does not occur
unless the receiver FIFO has empty space. Thus, overrun errors are eliminated during hardware flow control.
If not enabled, overrun errors occur if the transmit data rate exceeds the receive FIFO servicing latency.
auto-RTS
Auto-RTS data flow control originates in the receiver block (see functional block diagram). Figure 1 shows RTS
functional timing. The receiver FIFO trigger levels used in auto-RTS are stored in the TCR. RTS is active if the
RX FIFO level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached,
RTS is deasserted. The sending device (e.g., another UART) may send an additional byte after the trigger level
is reached (assuming the sending UART has another byte to send), because it may not recognize the
deassertion of RTS until it has begun sending the additional byte. RTS is automatically reasserted once the
receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This reassertion allows the sending
device to resume transmission.
RX
RTS
IOR
Start
Byte N
Stop
Start
Byte N+1
Stop
Start
1
2
N
N+1
NOTES:
1. N = receiver FIFO trigger level
2. The two blocks in dashed lines cover the case where an additional byte is sent as described in Auto-RTS.
Figure 1. RTS Functional Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com