Electronic Components Datasheet Search
  English  ▼

X  

TL16C752BTPTREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 3Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 4Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 5Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 9Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 10Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description (continued)
software flow control
Software flow control is enabled through the enhanced feature register and the modem control register. Different
combinations of software flow control can be enabled by setting different combinations of EFR[3–0]. Table 1
shows software flow control options.
There are two other enhanced features relating to S/W flow control:
–
Xon Any Function [MCR(5)]: Operation resumes after receiving any character after recognizing the
Xoff character.
NOTE:
It is possible that an Xon1 character is recognized as an Xon Any character which could cause an
Xon2 character to be written to the RX FIFO.
–
Special Character [EFR(5)]: Incoming data is compared to Xoff2. Detection of the special character
sets the Xoff interrupt [IIR(4)] but does not halt transmission. The Xoff interrupt is cleared by a read of the
IIR. The special character is transferred to the RX FIFO.
Table 1. Software Flow Control Options EFR[0:3]
BIT 3
BIT 2
BIT 1
BIT 0
Tx, Rx SOFTWARE FLOW CONTROLS
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1, Xoff1
0
1
X
X
Transmit Xon2, Xoff2
1
1
X
X
Transmit Xon1, Xon2: Xoff1, Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1, Xoff1
X
X
0
1
Receiver compares Xon2, Xoff2
1
0
1
1
Transmit Xon1, Xoff1
Receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0
1
1
1
Transmit Xon2, Xoff2
Receiver compares Xon1 and Xon2, Xoff1 and Xoff2
1
1
1
1
Transmit Xon1, Xon2: Xoff1, Xoff2
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
0
0
1
1
No transmit flow control
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
RX
When software flow control operation is enabled, the TL16C752B-EP compares incoming data with Xoff1/2
programmed characters (in certain cases Xoff1 and Xoff2 must be received sequentially1). When the correct
Xoff characters are received, transmission is halted after completing transmission of the current character. Xoff
detection also sets IIR[4] (if enabled via IER[5]) and causes INT to go high.
To resume transmission an Xon1/2 character must be received (in certain cases Xon1 and Xon2 must be
received sequentially). When the correct Xon characters are received IIR[4] is cleared and the Xoff interrupt
disappears.
NOTE:
If a parity, framing, or break error occurs while receiving a software flow control character, this
character is treated as normal data and is written to the RCV FIFO.
1. When pairs of Xon/Xoff characters are programmed to occur sequentially, received Xon1/Xoff1 characters must be written to the Rx FIFO
if the subsequent character is not Xon2/Xoff2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com