Electronic Components Datasheet Search
  English  ▼

X  

TL16C752BTPTREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 4Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 5Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 9Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 10Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 11Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description (continued)
TX
Xoff1/2 characters are transmitted when the RX FIFO has passed the HALT trigger level programmed in
TCR[3:0].
Xon1/2 characters are transmitted when the RX FIFO reaches the RESUME trigger level programmed in
TCR[7:4].
An important note here is that if, after an xoff character has been sent and software flow control is disabled, the
UART transmits Xon characters automatically to enable normal transmission to proceed. A feature of the
TL16C752B-EP UART design is that if the software flow combination (EFR[3:0]) changes after an Xoff has been
sent, the originally programmed Xon is automatically sent. If the RX FIFO is still above the trigger level, the newly
programmed Xoff1/2 is transmitted.
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an ordinary byte from the
FIFO. This means that even if the word length is set to be 5, 6, or 7 characters then the 5, 6, or 7 least significant
bits of Xoff1,2/Xon1,2 is transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom done,
but this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control are never enabled simultaneously. Figure 4
shows an example of software flow control.
UART 1
Parallel to Serial
Serial to Parallel
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-1 Word
Transmit
FIFO
Serial to Parallel
Parallel to Serial
Xon-1 Word
Xoff-1 Word
Xoff-2 Word
Receive
FIFO
Data
Xoff – Xon – Xoff
Compare
Programmed
Xon–Xoff
Characters
UART 2
Xon-2 Word
Figure 4. Software Flow Control Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com