Electronic Components Datasheet Search
  English  ▼

X  

RLB Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # RLB
Description  Radial Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  RLB Datasheet HTML 1Page - Bourns Electronic Solutions RLB Datasheet HTML 2Page - Bourns Electronic Solutions RLB Datasheet HTML 3Page - Bourns Electronic Solutions RLB Datasheet HTML 4Page - Bourns Electronic Solutions RLB Datasheet HTML 5Page - Bourns Electronic Solutions RLB Datasheet HTML 6Page - Bourns Electronic Solutions RLB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
RLB Series Radial Inductors
RLB0712 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (Hz)
SRF
RDC
IDC
(µH)
ref.
L
Q
(MHz) min.
(ohms) max.
(mA) max.
RLB0712-100KL
10 ± 10 %
20
1 k
2.520 M
16.0
0.07
1100
RLB0712-120KL
12 ± 10 %
20
1 k
2.520 M
12.0
0.08
1000
RLB0712-150KL
15 ± 10 %
20
1 k
2.520 M
10.0
0.09
900
RLB0712-180KL
18 ± 10 %
20
1 k
2.520 M
10.0
0.10
750
RLB0712-220KL
22 ± 10 %
20
1 k
2.520 M
9.0
0.12
700
RLB0712-270KL
27 ± 10 %
20
1 k
2.520 M
8.0
0.13
650
RLB0712-330KL
33 ± 10 %
20
1 k
2.520 M
7.0
0.15
600
RLB0712-390KL
39 ± 10 %
20
1 k
2.520 M
6.0
0.16
550
RLB0712-470KL
47 ± 10 %
20
1 k
2.520 M
6.0
0.18
450
RLB0712-560KL
56 ± 10 %
20
1 k
2.520 M
5.0
0.21
400
RLB0712-680KL
68 ± 10 %
20
1 k
2.520 M
5.0
0.24
360
RLB0712-820KL
82 ± 10 %
20
1 k
2.520 M
5.0
0.35
340
RLB0712-101KL
100 ± 10 %
20
1 k
0.796 M
4.0
0.40
320
RLB0712-121KL
120 ± 10 %
20
1 k
0.796 M
4.0
0.45
300
RLB0712-151KL
150 ± 10 %
20
1 k
0.796 M
3.5
0.50
280
RLB0712-181KL
180 ± 10 %
20
1 k
0.796 M
3.0
0.75
260
RLB0712-221KL
220 ± 10 %
20
1 k
0.796 M
3.0
0.90
240
RLB0712-271KL
270 ± 10 %
20
1 k
0.796 M
2.5
1.00
220
RLB0712-331KL
330 ± 10 %
20
1 k
0.796 M
2.5
1.10
200
RLB0712-391KL
390 ± 10 %
20
1 k
0.796 M
2.0
1.20
180
RLB0712-471KL
470 ± 10 %
20
1 k
0.796 M
2.0
1.50
160
RLB0712-561KL
560 ± 10 %
20
1 k
0.796 M
2.0
1.80
150
Packaging: 400 pieces per bag
RLB0912 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (Hz)
SRF
RDC
IDC
(µH)
ref.
L
Q
(MHz) min.
(ohms) max.
(A) max.
RLB0912-1R5ML
1.5 ± 20 %
30
1 k
7.960 M
78.0
0.008
5.4
RLB0912-2R2ML
2.2 ± 20 %
30
1 k
7.960 M
63.0
0.010
4.5
RLB0912-3R3ML
3.3 ± 20 %
30
1 k
7.960 M
50.0
0.018
3.6
RLB0912-4R7ML
4.7 ± 20 %
30
1 k
7.960 M
41.0
0.022
3.1
RLB0912-6R8ML
6.8 ± 20 %
30
1 k
7.960 M
33.0
0.028
2.5
RLB0912-100KL
10.0 ± 10 %
60
1 k
2.520 M
27.0
0.043
2.1
RLB0912-150KL
15.0 ± 10 %
50
1 k
2.520 M
21.0
0.056
1.7
RLB0912-220KL
22.0 ± 10 %
50
1 k
2.520 M
17.0
0.086
1.4
RLB0912-330KL
33.0 ± 10 %
45
1 k
2.520 M
13.0
0.140
1.1
RLB0912-470KL
47.0 ± 10 %
40
1 k
2.520 M
11.0
0.170
0.96
RLB0912-680KL
68.0 ± 10 %
35
1 k
2.520 M
9.0
0.280
0.79
RLB0912-101KL
100.0 ± 10 %
55
1 k
0.796 M
7.2
0.330
0.66
RLB0912-151KL
150.0 ± 10 %
40
1 k
0.796 M
5.7
0.560
0.53
RLB0912-221KL
220.0 ± 10 %
30
1 k
0.796 M
4.5
0.720
0.44
RLB0912-331KL
330.0 ± 10 %
25
1 k
0.796 M
3.6
1.100
0.36
RLB0912-471KL
470.0 ± 10 %
25
1 k
0.796 M
2.9
1.700
0.30
RLB0912-681KL
680.0 ± 10 %
25
1 k
0.796 M
2.3
2.300
0.25
RLB0912-102KL
1000.0 ± 10 %
55
1 k
0.252 M
1.9
4.300
0.20
Packaging: 300 pieces per bag; available in ammo-pak (use Model RLH0912) - 1000 pieces per box



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com