Electronic Components Datasheet Search
  English  ▼

X  

RLB Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # RLB
Description  Radial Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  RLB Datasheet HTML 1Page - Bourns Electronic Solutions RLB Datasheet HTML 2Page - Bourns Electronic Solutions RLB Datasheet HTML 3Page - Bourns Electronic Solutions RLB Datasheet HTML 4Page - Bourns Electronic Solutions RLB Datasheet HTML 5Page - Bourns Electronic Solutions RLB Datasheet HTML 6Page - Bourns Electronic Solutions RLB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
REV. 05/05
RLB Series Radial Inductors
RLB1314 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (Hz)
SRF
RDC
IDC
W Dia.
F
(µH)
Ref.
L
Q
(MHz) Typ. (ohms) max. (A) max.
RLB1314-3R3ML
3.3 ± 20 %
90
1 k
7.96 M
59.00
0.008
5.600
0.8 ± 0.05
9.0 ± 1.0
(.032 ± .002)
(.354 ± .04)
RLB1314-4R7ML
4.7 ± 20 %
100
1 k
7.96 M
45.00
0.009
4.700
0.8 ± 0.05
9.0 ± 1.0
(.032 ± .002)
(.354 ± .04)
RLB1314-6R8ML
6.8 ± 20 %
80
1 k
7.96 M
34.00
0.012
3.900
0.7 ± 0.05
9.0 ± 1.0
(.028 ± .002)
(.354 ± .04)
RLB1314-100ML
10.0 ± 20 %
140
1 k
2.52 M
26.00
0.015
3.200
0.7 ± 0.05
9.0 ± 1.0
(.028 ± .002)
(.354 ± .04)
RLB1314-150ML
15.0 ± 20 %
120
1 k
2.52 M
19.00
0.019
2.600
0.7 ± 0.05
9.0 ± 1.0
(.028 ± .002)
(.354 ± .04)
RLB1314- 220KL
22.0 ± 10 %
110
1 k
2.52 M
14.00
0.026
2.200
0.7 ± 0.05
9.0 ± 1.0
(.028 ± .002)
(.354 ± .04)
RLB1314-330KL
33.0 ± 10 %
100
1 k
2.52 M
10.00
0.045
1.800
0.6 ± 0.05
9.0 ± 1.0
(.024 ± .002)
(.354 ± .04)
RLB1314-470KL
47.0 ± 10 %
90
1 k
2.52 M
8.30
0.056
1.500
0.6 ± 0.05
9.0 ± 1.0
(.024 ± .002)
(.354 ± .04)
RLB1314-680KL
68.0 ± 10 %
80
1 k
2.52 M
6.70
0.092
1.200
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-101KL
100.0 ± 10 %
70
1 k
796 K
5.40
0.120
1.000
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-151KL
150.0 ± 10 %
70
1 k
796 K
4.30
0.200
0.820
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-221KL
220.0 ± 10 %
40
1 k
796 K
3.40
0.250
0.680
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-331KL
330.0 ± 10 %
40
1 k
796 K
2.70
0.420
0.550
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-471KL
470.0 ± 10 %
30
1 k
796 K
2.30
0.510
0.460
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-681KL
680.0 ± 10 %
30
1 k
796 K
1.90
0.790
0.380
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-102KL
1000.0 ± 10 %
40
1 k
252 K
1.60
1.300
0.310
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-152KL
1500.0 ± 10 %
30
1 k
252 K
1.30
1.700
0.250
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-222KL
2200.0 ± 10 %
60
1 k
252 K
1.10
2.900
0.210
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-332KL
3300.0 ± 10 %
50
1 k
252 K
0.90
3.700
0.170
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-472KL
4700.0 ± 10 %
50
1 k
252 K
0.76
5.600
0.140
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-682KL
6800.0 ± 10 %
60
1 k
252 K
0.65
9.400
0.120
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-103KL
10000.0 ± 10 %
80
1 k
79.6 K
0.53
12.000
0.100
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
RLB1314-153KL
15000.0 ± 10 %
70
1 k
79.6 K
0.41
15.000
0.082
0.8 ± 0.05
7.0 ± 0.8
(.032 ± .002)
(.276 ± .032)
Packaging: RLB1314 (3R3M to 470K) = 150 pieces per bag; RLB1314 (680K to 153K) = 130 pieces per bag.
DIMENSIONS ARE:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com