Electronic Components Datasheet Search
  English  ▼

X  

RLB Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # RLB
Description  Radial Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  RLB Datasheet HTML 1Page - Bourns Electronic Solutions RLB Datasheet HTML 2Page - Bourns Electronic Solutions RLB Datasheet HTML 3Page - Bourns Electronic Solutions RLB Datasheet HTML 4Page - Bourns Electronic Solutions RLB Datasheet HTML 5Page - Bourns Electronic Solutions RLB Datasheet HTML 6Page - Bourns Electronic Solutions RLB Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
RLB Series Radial Inductors
RLB0914 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (MHz)
SRF
RDC
IDC
(µH)
ref.
L, Q
(MHz) min.
(ohms) max.
(A) max.
RLB0914-3R3ML
3.3 ± 20 %
20
7.960
70.0
0.027
3.60
RLB0914-4R7ML
4.7 ± 20 %
20
7.960
50.0
0.033
3.20
RLB0914-6R8ML
6.8 ± 20 %
20
7.960
30.0
0.039
3.00
RLB0914-100KL
10.0 ± 10 %
50
2.520
20.0
0.048
2.70
RLB0914-120KL
12.0 ± 10 %
50
2.520
15.0
0.055
2.50
RLB0914-150KL
15.0 ± 10 %
50
2.520
10.0
0.060
2.40
RLB0914-180KL
18.0 ± 10 %
40
2.520
9.5
0.065
2.30
RLB0914-220KL
22.0 ± 10 %
40
2.520
9.0
0.090
1.90
RLB0914-270KL
27.0 ± 10 %
40
2.520
8.5
0.110
1.80
RLB0914-330KL
33.0 ± 10 %
40
2.520
8.0
0.120
1.70
RLB0914-390KL
39.0 ± 10 %
30
2.520
7.0
0.130
1.60
RLB0914-470KL
47.0 ± 10 %
30
2.520
6.0
0.140
1.50
RLB0914-560KL
56.0 ± 10 %
30
2.520
5.0
0.200
1.30
RLB0914-680KL
68.0 ± 10 %
30
2.520
4.5
0.210
1.20
RLB0914-820KL
82.0 ± 10 %
30
2.520
4.0
0.230
1.10
RLB0914-101KL
100.0 ± 10 %
30
0.796
3.5
0.280
1.00
RLB0914-121KL
120.0 ± 10 %
30
0.796
3.0
0.320
0.90
RLB0914-151KL
150.0 ± 10 %
30
0.796
2.8
0.370
0.80
RLB0914-181KL
180.0 ± 10 %
30
0.796
2.6
0.540
0.75
RLB0914-221KL
220.0 ± 10 %
20
0.796
2.4
0.600
0.70
RLB0914-271KL
270.0 ± 10 %
20
0.796
2.2
0.680
0.65
RLB0914-331KL
330.0 ± 10 %
20
0.796
2.0
0.760
0.60
RLB0914-391KL
390.0 ± 10 %
20
0.796
1.9
0.850
0.55
RLB0914-471KL
470.0 ± 10 %
20
0.796
1.8
1.300
0.50
RLB0914-561KL
560.0 ± 10 %
20
0.796
1.7
1.400
0.45
RLB0914-681KL
680.0 ± 10 %
20
0.796
1.6
1.600
0.40
RLB0914-821KL
820.0 ± 10 %
20
0.796
1.5
1.800
0.35
RLB0914-102KL
1000.0 ± 10 %
40
0.252
1.3
2.100
0.30
Packaging: 200 pieces per bag



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com