Electronic Components Datasheet Search
  English  ▼

X  

PDTD113ZU Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # PDTD113ZU
Description  500 mA, 50 V PNP resistor-equipped transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD113ZU Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button PDTD113ZU Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 18Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 19Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 20Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 21Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 22Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 23Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTB1XXXU_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 6 May 2014
20 of 27
Nexperia
PDTB1xxxU series
500 mA, 50 V PNP resistor-equipped transistors
VCE = 5 V
(1) Tamb = 100 C
(2) Tamb = 25 C
(3) Tamb = 40 C
IC/IB = 20
(1) Tamb = 100 C
(2) Tamb = 25 C
(3) Tamb = 40 C
Fig 46. PDTB114EU: DC current gain as a function of
collector current; typical values
Fig 47. PDTB114EU: Collector-emitter saturation
voltage as a function of collector current;
typical values
VCE = 0.3 V
(1) Tamb = 40 C
(2) Tamb = 25 C
(3) Tamb = 100 C
VCE = 5 V
(1) Tamb = 40 C
(2) Tamb = 25 C
(3) Tamb = 100 C
Fig 48. PDTB114EU: On-state input voltage as a
function of collector current; typical values
Fig 49. PDTB114EU: Off-state input voltage as a
function of collector current; typical values
aaa-012643
102
10
103
hFE
1
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
aaa-012635
IC (mA)
-1
-103
-102
-10
-10-1
VCEsat
(V)
-10-2
(1)
(2)
(3)
aaa-012646
-10
-1
-102
VI(on)
(V)
-10-1
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
IC (mA)
-10-1
-10
-1
aaa-012649
-1
-10
VI(off)
(V)
-10-1
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com