Electronic Components Datasheet Search
  English  ▼

X  

PDTD113ZU Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # PDTD113ZU
Description  500 mA, 50 V PNP resistor-equipped transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD113ZU Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button PDTD113ZU Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 18Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 19Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 20Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 21Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 22Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 23Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 24Page - Nexperia B.V. All rights reserved PDTD113ZU Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTB1XXXU_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 6 May 2014
21 of 27
Nexperia
PDTB1xxxU series
500 mA, 50 V PNP resistor-equipped transistors
Tamb = 25 C
f = 1 MHz; Tamb = 25 C
Fig 50. PDTB114EU: Collector current as a function of
collector-emitter voltage; typical values
Fig 51. PDTB114EU: Collector capacitance as a
function of collector-base voltage; typical
values of built-in transistor
VCE = 5 V; Tamb = 25 C
Fig 52. PDTB114EU: Transition frequency as a function of collector current; typical values of built-in transistor
VCE (V)
0-5
-4
-2
-3
-1
aaa-012630
-0.2
-0.3
-0.1
-0.4
-0.5
IC
(A)
0
IB = -0.55 mA
-0.8
-1.05
-1.55
-1.3
-2.3
-2.05
-2.55
-1.8
-2.8
VCB (V)
0
-50
-40
-20
-30
-10
aaa-012640
20
10
30
40
Cc
(pF)
0
aaa-012064
102
10
103
fT
(MHz)
1
IC (mA)
-10-1
-103
-102
-1
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com