Electronic Components Datasheet Search
  English  ▼

X  

ISL97673 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97673
Description  6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97673 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97673 Datasheet HTML 9Page - Renesas Technology Corp ISL97673 Datasheet HTML 10Page - Renesas Technology Corp ISL97673 Datasheet HTML 11Page - Renesas Technology Corp ISL97673 Datasheet HTML 12Page - Renesas Technology Corp ISL97673 Datasheet HTML 13Page - Renesas Technology Corp ISL97673 Datasheet HTML 14Page - Renesas Technology Corp ISL97673 Datasheet HTML 15Page - Renesas Technology Corp ISL97673 Datasheet HTML 16Page - Renesas Technology Corp ISL97673 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ISL97673
FN7633 Rev.3.00
Page 13 of 28
Sep 19, 2017
Method 2 (External applied PWM)
To use this mode users need to set Register 0x01 to 0x03
The average LED current of each channel can also be
controlled by an external PWM signal as Equation 8:
PWM Dimming Frequency Adjustment
(Applicable to SMBus/I2C controlled PWM
and DPST Modes)
Except for the external PWM dimming mode, the
dimming frequencies of any other modes are set by an
external resistor at the FPWM pin as Equation 9:
where FPWM is the desirable PWM dimming frequency and
RFPWM is the setting resistor.
The PWM dimming frequency can be set or applied up to
30kHz with duty cycle from 0.4% to 100%.
PHASE SHIFT CONTROL
The ISL97673 is capable of delaying the phase of each
current source to minimize load transients. By default,
phase shifting is disabled as shown in Figure 20 where
the channels PWM currents are switching uniformly. The
duty cycles can be controlled by the data in PWM
Brightness Control Register via the SMBus/I2C interface,
an external PWM signal with the frequency set by the
RFPWM, or by an external PWM signal with the frequency
set by the incoming signal.
When EqualPhase = 1, the phase shift evenly spreads
the channels switching across the PWM cycle, depending
on how many channels are enabled, as shown in
Figures 21 and 22. Equal phase means there are fixed
delays between channels and such delay can be
calculated as Equations 10 and 11:
where (255/N) is rounded down to the nearest integer.
For example, if N = 6, (255/N) = 42, that leads to:
tD1 = tFPWM x 42/255
tD2 = tFPWM x 45/255
where tFPWM is the sum of tON and tOFF. N is the number
of LED channels. The ISL97673 will detect the numbers
of operating channels automatically.
ILILED ave

ILED PWM
=
(EQ. 8)
FPWM
6.66
7
10
RFPWM
------------------------
=
(EQ. 9)
FIGURE 20. NO DELAY (DEFAULT PHASE SHIFT
DISABLED)
ILED0
ILED1
ILED2
ILED3
ILED4
ILED5
tON
tOFF
tFPWM
FIGURE 21. 6 EQUAL PHASE CHANNELS PHASE SHIFT
ILLUSTRATION
ILED0
ILED1
ILED2
ILED3
ILED4
ILED5
ILED0
tON
tOFF
PWMI
60%
40%
tFPWM
60%
40%
tD1
tD1
tD1
tD1
tD1
tD2
FIGURE 22. 4 EQUAL PHASE CHANNELS PHASE SHIFT
ILLUSTRATION
ILED1
ILED2
ILED3
ILED4
ILED1
tON
tOFF
PWMI
60%
40%
60%
40%
tD1
t
D1
t
D1
t
D2
tFPWM
(t
PWMout)
tPWMin
tD1 = Fixed Delay with Integer only while the decimal value will be discarded (eg. 63.75=63)
tD1
tFPWM
255
-------------------x 255
N
----------


=
(EQ.10)
tD2
tFPWM
255
-------------------x 255
N 1
–
 255
N
----------


–


=
(EQ.11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com