Electronic Components Datasheet Search
  English  ▼

X  

ISL97673 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL97673
Description  6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97673 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL97673 Datasheet HTML 19Page - Renesas Technology Corp ISL97673 Datasheet HTML 20Page - Renesas Technology Corp ISL97673 Datasheet HTML 21Page - Renesas Technology Corp ISL97673 Datasheet HTML 22Page - Renesas Technology Corp ISL97673 Datasheet HTML 23Page - Renesas Technology Corp ISL97673 Datasheet HTML 24Page - Renesas Technology Corp ISL97673 Datasheet HTML 25Page - Renesas Technology Corp ISL97673 Datasheet HTML 26Page - Renesas Technology Corp ISL97673 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL97673
FN7633 Rev.3.00
Page 23 of 28
Sep 19, 2017
The Vsc bits allow users to set 3 levels of channel
short-circuit thresholds or disable it.
The bit assignment is shown in Figure 34. The default
value for Register 0x08 is 0x1F.
Output Channel Select and Fault Readout
Register (0x09)
This register can be read or write; the bit position
corresponds to the channel. For example, Bit 0
corresponds to CH0 and Bit 4 corresponds to CH4 and so
on. Writing data to this register, it enables the channels
of interest. When reading data from this register, any
disabled channel and any faulted out channel will read as
0. This allows the user to determine which channel is
faulty and optionally not enabling it in order to allow the
rest of the system to continue to function. Additionally, a
faulted out channel can be disabled and re-enabled in
order to allow a retry for any faulty channel without
having to power-down the other channels.
The bit assignment is shown in Figure 35. The default for
Register 0x09 is 0x3F.
REGISTER 0x08
CONFIGURATION REGISTER
RESERVED DIRECT PWM PWM-TO-DC BSTSLEWRATE1 BSTSLEWRATE0
FSW
VSC1
VSC0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
DirectPWM
Forces the PWMI signal to directly control the current sources. Note that there is some
synchronous delay between PWMI and current sources.
PWM-to-DC
Switches current sources on and varies DC level rather than PWMing.
BstSlewRate[1:0]
Controls strength of FET driver. 00 - 25% drive strength, 01 to 50% drive strength,
10 -75% drive strength, 11 to 100% drive strength.
FSW
2 levels of Switching Frequencies (0 = 1,200kHz, 1 = 600kHz)
VSC[1..0]
3 levels of Short-Circuit Thresholds (0 = disabled, 1 = 3.6V, 2 = 4.8V, 3 = 5.8V)
FIGURE 34. DESCRIPTIONS OF CONFIGURATION REGISTER
FIGURE 35. DESCRIPTIONS OF OUTPUT CHANNEL REGISTER
REGISTER 0x09
OUTPUT CHANNEL REGISTER
Reserved Reserved
CH5
CH4
CH3
CH2
CH1
CH0
Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
CH[5..0]
CH5 = Channel 5, CH4 = Channel 4 and
so on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com