Electronic Components Datasheet Search
  English  ▼

X  

ISL97673 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97673
Description  6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97673 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97673 Datasheet HTML 1Page - Renesas Technology Corp ISL97673 Datasheet HTML 2Page - Renesas Technology Corp ISL97673 Datasheet HTML 3Page - Renesas Technology Corp ISL97673 Datasheet HTML 4Page - Renesas Technology Corp ISL97673 Datasheet HTML 5Page - Renesas Technology Corp ISL97673 Datasheet HTML 6Page - Renesas Technology Corp ISL97673 Datasheet HTML 7Page - Renesas Technology Corp ISL97673 Datasheet HTML 8Page - Renesas Technology Corp ISL97673 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISL97673
FN7633 Rev.3.00
Page 2 of 28
Sep 19, 2017
Table of Contents
Block Diagram ................................................ 3
Ordering Information..........................................4
Pin Configuration............................................ 4
Pin Descriptions ............................................. 4
Absolute Maximum Ratings ............................ 5
Thermal Information ...................................... 5
Operating Conditions...................................... 5
Electrical Specifications ......................................6
Typical Performance Curves ........................... 9
Theory of Operation........................................ 12
PWM Boost Converter .....................................12
Enable and PWM ............................................12
OVP and VOUT Requirement .............................12
Current Matching and Current Accuracy ............12
Dynamic Headroom Control .............................12
Operating Modes............................................12
Dimming Controls ..........................................13
PWM Dimming Frequency Adjustment ...............14
Switching Frequency.......................................15
5V Low Dropout Regulator...............................15
In-rush Control and Soft-start..........................15
Fault Protection and Monitoring ........................15
Short Circuit Protection (SCP) ..........................15
Open Circuit Protection (OCP) ..........................16
Overvoltage Protection (OVP) ..........................16
Undervoltage Lockout .....................................16
Input Overcurrent Protection ...........................16
Over-Temperature Protection (OTP)..................16
Write Byte ........................................................19
Read Byte.........................................................19
Slave Device Address .........................................19
SMBus/I2C Register Definitions ........................19
PWM Brightness Control Register (0x00) ...........21
Device Control Register (0x01) ........................21
Fault/Status Register (0x02)............................22
Si Revision Register (0x03) .............................22
DC Brightness Control Register (0x07) ..............23
Configuration Register (0x08) ..........................23
Output Channel Select and Fault Readout Register
(0x09) .............................................................24
Phase Shift Control Register (0x0A) ..................25
Components Selections ...................................25
Input Capacitor ............................................. 25
Inductor ....................................................... 26
Output Capacitors.......................................... 26
Output Ripple................................................ 26
Schottky Diode.............................................. 26
Applications ....................................................26
High Current Applications ............................... 26
Multiple Drivers Operation .............................. 27
Revision History ..............................................28
About Intersil..................................................28
Package Outline Drawing ................................ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com