| Electronic Components Datasheet Search |
|
LMK6C Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMK6C Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 59 page ![]() Supply Voltage (V) 1.8 2.1 2.4 2.7 3 3.3 0 300 600 900 1200 1500 1800 2100 2400 2700 3000 Temp = 25oC Frequency = 50 MHz 0 pF 2.2 pF 4.7 pF 10 pF 15 pF 22 pF Figure 10-6. Rise / Fall time (ps) vs Supply Voltage vs Load Capacitance 10.3 Power Supply Recommendations For the best electrical performance of the LMK6x, TI recommends use 1 µF capacitor on the device power supply bypass network. TI also recommends using component side mounting of the power-supply bypass capacitors, and best to use 0201 or 0402 body size capacitors to facilitate signal routing. Keep the connections between the bypass capacitors and the power supply on the device as short as possible. Ground the other side of the capacitor using a low impedance connection to the ground plane. 10.4 Layout 10.4.1 Layout Guidelines The following sections provide recommendations for board layout, solder reflow profile and power-supply bypassing when using the LMK6x to ensure good thermal and electrical performance and signal integrity of the entire system. 10.4.1.1 Ensuring Thermal Reliability The LMK6x is a high-performance device. Therefore, pay careful attention to device configuration and printed circuit board (PCB) layout with respect to power consumption. The ground pin must be connected to the ground plane of the PCB through three vias or more to maximize thermal dissipation out of the package. The equation below describes the relationship between the PCB temperature around the LMK6x and its junction temperature. TB = TJ – ΨJB × P (1) where • TB: PCB temperature around the LMK6x • TJ: Junction temperature of LMK6x • ΨJB: Junction-to-board thermal resistance parameter of LMK6x (refer to the Thermal Information tables in the Specifications section for this information) • P: On-chip power dissipation of LMK6x LMK6C, LMK6D, LMK6H, LMK6P SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023 www.ti.com 32 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LMK6C LMK6D LMK6H LMK6P |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |