| Electronic Components Datasheet Search |
|
LMK6C Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMK6C Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 59 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-May-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMK6CE02500CDLFR ACTIVE VSON DLF 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LCBG Samples LMK6CE02500CDLFT ACTIVE VSON DLF 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LCBG Samples LMK6CE03333CDLER ACTIVE VSON DLE 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 HCB8 Samples LMK6CE03333CDLET ACTIVE VSON DLE 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 HCB8 Samples LMK6CE07425DDLFR ACTIVE VSON DLF 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC19 Samples LMK6CE07425DDLFT ACTIVE VSON DLF 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC19 Samples LMK6CE15625DDLFR ACTIVE VSON DLF 4 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC12 Samples LMK6CE15625DDLFT ACTIVE VSON DLF 4 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 105 LC12 Samples LMK6DA12288ADLER ACTIVE VSON DLE 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA4 Samples LMK6DA12288ADLET ACTIVE VSON DLE 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA4 Samples LMK6DA12500ADLFR ACTIVE VSON DLF 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LDA6 Samples LMK6DA12500ADLFT ACTIVE VSON DLF 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LDA6 Samples LMK6DA15552ADLER ACTIVE VSON DLE 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA3 Samples LMK6DA15552ADLET ACTIVE VSON DLE 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA3 Samples LMK6DA20000ADLER ACTIVE VSON DLE 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA1 Samples LMK6DA20000ADLET ACTIVE VSON DLE 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 HDA1 Samples LMK6HA10000ADLER ACTIVE VSON DLE 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples LMK6HA10000ADLET ACTIVE VSON DLE 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples LMK6HA10000ADLFR ACTIVE VSON DLF 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples LMK6HA10000ADLFT ACTIVE VSON DLF 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LHA8 Samples Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |