| Electronic Components Datasheet Search |
|
LMK6C Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMK6C Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 59 page ![]() over recommended operating conditions, typical temperature = 25°C, frequency output = 156.25 MHz, VDD = 3.3 V, LVCMOS output capacitor load = 2.2 pF (unless otherwise specified)(4) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ΔdV/dt Output slew rate variation 20 % ODC Output duty cycle 45 50 55 % LVCMOS Output Characteristics Fout Output frequency 1 200 MHz VOL Output low voltage IOL = 3.6 mA, VDD = 1.8 V 0.36 V IOL = 5.0 mA, VDD = 2.5 V 0.5 V IOL = 6.6 mA, VDD = 3.3 V 0.66 V VOH Output high voltage IOH = 3.6 mA, VDD = 1.8 V 1.44 V IOH = 5.0 mA, VDD = 2.5 V 2 V IOH = 6.6 mA, VDD = 3.3 V 2.64 V tR/tF Output rise/fall time 20% to 80% of VOH – VOL, CL = 2 pF 0.5 1 ns ODC Output duty cycle 45 50 55 % Rout Output impedance OE = HIGH 40 50 60 Ω CL Maximum capacitive load Fout > 50 MHz(3) 15 pF Fout < 50 MHz(3) 30 pF Function Pin Input Characteristics (OE/ST Pin) VIL Input low voltage 0.6 V VIH Input high voltage 1.3 V IIL Input low current OE = GND –40 µA IIH Input high current OE = VDD 40 µA CIN Input capacitance 2 pF LVDS, HCSL and LVPECL Frequency Tolerance FT Total frequency stability Inclusive of: solder shift, initial tolerance, variation over –40 ℃ to 85℃, variation over rated supply voltage range, and 10 year aging at 25 ℃. –25 25 ppm Inclusive of: solder shift, initial tolerance, variation over –40 ℃ to 85℃, variation over supply voltage range. –20 20 ppm LVCMOS Frequency Tolerance FT Total frequency stability Inclusive of: solder shift, initial tolerance, variation over –40 ℃ to 105℃, variation over rated supply voltage range, and 10 year aging at 25 ℃. –25 25 ppm Inclusive of: solder shift, initial tolerance, variation over –40 ℃ to 105℃, variation over rated supply voltage range. –20 20 ppm Differential Output PSRR Characteristics PSRR Spur induced by 50 mV power supply ripple at 156.25 MHz output, VDD = 2.5 V/3.3 V, No power supply decoupling capacitor Sine wave at 50 kHz –71 dBc Sine wave at 100 kHz –71 dBc Sine wave at 500 kHz –72 dBc Sine wave at 1 MHz –70 dBc PSRR Spur induced by 50 mV power supply ripple at 156.25 MHz output, VDD = 1.8 V, no power supply decoupling capacitor Sine wave at 50 kHz –64 dBc Sine wave at 100 kHz –64 dBc Sine wave at 500 kHz –67 dBc Sine wave at 1 MHz –68 dBc PSRR Jitter sensitivity to power supply ripple 100 kHz sine wave ripple, 3.3 V supply(2) 4 fs/mV LMK6C, LMK6D, LMK6H, LMK6P SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023 www.ti.com 10 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LMK6C LMK6D LMK6H LMK6P |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |