Electronic Components Datasheet Search
  English  ▼

X  

APR1/D Datasheet(PDF) 26 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 22Page - NXP Semiconductors APR1/D Datasheet HTML 23Page - NXP Semiconductors APR1/D Datasheet HTML 24Page - NXP Semiconductors APR1/D Datasheet HTML 25Page - NXP Semiconductors APR1/D Datasheet HTML 26Page - NXP Semiconductors APR1/D Datasheet HTML 27Page - NXP Semiconductors APR1/D Datasheet HTML 28Page - NXP Semiconductors APR1/D Datasheet HTML 29Page - NXP Semiconductors APR1/D Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
2-8
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
RESET, Stop, Mode Select, and Interrupt Timing
17 Delay from IRQA, IRQB
Assertion to External Memory
Access Address Out Valid
•
Caused by First
Interrupt Instruction
Fetch
•
Caused by First
Interrupt Instruction
Execution
5
× T
C + TH
9
× T
C + TH
—
—
5
× T
C + TH
9
× T
C + TH
—
—
ns
ns
18 Delay from IRQA, IRQB
Assertion to General Purpose
Transfer Output Valid caused
by First Interrupt Instruction
Execution
11
× T
C + TH
—
11
× T
C + TH
—ns
19 Delay from Address Output
Valid caused by First Interrupt
Instruction Execute to Interrupt
Request Deassertion for Level-
Sensitive Fast Interrupts (See
Note 3)
—2
× T
C + TL +
(TC × WS) –
34
—2
× T
C + TL +
(TC × WS) –
27
ns
20 Delay from RD Assertion to
Interrupt Request Deassertion
for Level-Sensitive Fast
Interrupts (See Note 3)
—2
× T
C +
(TC × WS) –
31
—2
× T
C +
(TC × WS) –
25
ns
21 Delay from WR Assertion to
Interrupt Request Deassertion
for Level-Sensitive Fast
Interrupts (See Note 3)
•
WS = 0
•
WS > 0
—
—
2
× T
C – 31
TC + TL +
(TC × WS) –
31
—
—
2
× T
C – 25
TC + TL +
(TC × WS) –
25
ns
ns
Table 2-8
Reset, Stop, Mode Select, and Interrupt Timing (27/33 MHz) (Continued)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com