Electronic Components Datasheet Search
  English  ▼

X  

APR1/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 65Page - NXP Semiconductors APR1/D Datasheet HTML 66Page - NXP Semiconductors APR1/D Datasheet HTML 67Page - NXP Semiconductors APR1/D Datasheet HTML 68Page - NXP Semiconductors APR1/D Datasheet HTML 69Page - NXP Semiconductors APR1/D Datasheet HTML 70Page - NXP Semiconductors APR1/D Datasheet HTML 71Page - NXP Semiconductors APR1/D Datasheet HTML 72Page - NXP Semiconductors APR1/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-17
100
G3
VCCD
Data
Bus
Buffers
101
90
D3
GNDD
91
J3
111
112
35
C6
VCCQ
Internal
Logic
36
G12
128
129
33
B7
GNDQ
34
G11
130
131
12
C9
VCCH
Peripherals
13
23
E11
GNDH
24
Table 3-5
DSP56001A Power Supply Pins (Continued)
132 pin
“FC” PQFP or
“FE” CQFP Pin No.
88 pin
“RC” PGA
Pin No.
Power Supply
Circuit Supplied
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com