Electronic Components Datasheet Search
  English  ▼

X  

APR1/D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 75Page - NXP Semiconductors APR1/D Datasheet HTML 76Page - NXP Semiconductors APR1/D Datasheet HTML 77Page - NXP Semiconductors APR1/D Datasheet HTML 78Page - NXP Semiconductors APR1/D Datasheet HTML 79Page - NXP Semiconductors APR1/D Datasheet HTML 80Page - NXP Semiconductors APR1/D Datasheet HTML 81Page - NXP Semiconductors APR1/D Datasheet HTML 82Page - NXP Semiconductors APR1/D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
DSP56001A
Heat Dissipation
MOTOROLA
DSP56001A/D, Rev. 1
4-5
HEAT DISSIPATION
The average chip junction temperature, TJ, in °C, can be obtained from:
Equation 1: T
J = TA + (PD × ΘJA)
Where:
TA = ambient temperature, °C
Θ
JA =
package thermal resistance, junction-to-ambient,
°C/W
PD = PINT + PI/O
PINT = ICC × VCC watt—chip internal power
PI/O = power dissipation on input and output pins—user determined
For most applications PI/O < PINT and PI/O can be neglected. An appropriate relationship between
PD and TJ (if PI/O is neglected) is:
Equation 2: P
D = K / (TJ + 273)
Solving equations (1) and (2) for K gives:
Equation 3: K = P
D × (TA + 273) + PD × ΘJA
Where:
K is a constant pertaining to the particular package
K can be determined from equation (2) by measuring PD (at equilibrium) for a known TA. Using
this value of K, the values of PD and TJ can be obtained by solving equations (1) and (2) iteratively
for any value of TA. The total thermal resistance of a package (ΘJA) can be separated into two
components,
Θ
JC and ΘCA, representing the barrier to heat flow from the semiconductor junction to
the package (case) surface (
Θ
JC) and from the case to the outside ambient (ΘCA). These terms are
related by the equation:
Equation 4:
Θ
JA = ΘJC + ΘCA
Θ
JC is device-related and cannot be influenced by the user. However, ΘCA is user-dependent and
can be minimized by thermal management techniques such as heat sinks, ambient air cooling,
and thermal convection. Thus, good thermal management can significantly reduce
Θ
CA so that
Θ
JA approximately equals ΘJC. Values for thermal resistance presented in this document, unless
estimated, were derived using the procedure described in Motorola Reliability Report 7843,
“Thermal Resistance Measurement Method for MC68XX Microcomponent Devices”, and are
provided for design purposes only. Thermal measurements are complex and dependent on
procedure and setup. User-derived values for thermal resistance may differ.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com