Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3136 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3136 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3136 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 22, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.4. A/D Conversion
1.3.4.1
A/D resolution
1)
rADC
13
14
Bit
1.3.4.2
DNL
1)
DNLADC
rADC=13bit, fOSC=3MHz,
best fit, complete AFE,
range according to 1.3.4.5
0.95
LSB
1.3.4.3
INL TQA
INLADC
rADC=13bit, fOSC=3MHz,
best fit, complete AFE,
range according to 1.3.4.5
4
LSB
1.3.4.4
INL TQE
INLADC_TQE
rADC=13bit, fOSC=3MHz,
best fit, complete AFE,
range according to 1.3.4.5,
temperature range TAMB_TQE
5
LSB
1.3.4.5
ADC input range
VADC_IN
0.1
0.9
VDDA
1.3.5. Sensor Check
1.3.5.1
Sensor connection loss
RSCC_min
Detection threshold
100
k
Ω
1.3.5.2
Sensor input short
RSSC_short
Short detection
guaranteed
0
50
Ω
1.3.5.3
Sensor input no short
RSSC_pass
Corresponds with mini-
mum sensor output
resistance
1000
Ω
1.3.6. DAC and Analog Output
1.3.6.1
D/A resolution
rDAC
Analog output, 10-90%
12
Bit
1.3.6.2
Output current sink and
source for VDDE=5V
IOUT_SRC/SINK
VOUT: 5-95%, RLOAD
≥ 2kΩ
2.5
mA
VOUT: 10-90%, RLOAD
≥1kΩ
5
mA
1.3.6.3
Short circuit current
IOUT_max
To VDDE/VSSE
2)
-25
25
mA
1.3.6.4
Output signal range
VOUT_RANGE
With RLOAD
≥ 2kΩ
0.05
0.95
VDDE
With RLOAD
≥ 1kΩ
0.1
0.90
VDDE
1.3.6.5
Output slew rate
1)
SROUT
CLOAD < 50nF
0.1
V/µs
1.3.6.6
Output resistance in
diagnostic mode
ROUT_DM
Diagnostic range:
<4 to 96>%, RLOAD
≥ 2kΩ
<8 to 92>%, RLOAD
≥ 1kΩ
82
Ω
1.3.6.7
Load capacitance
1)
CLOAD
C3 + CLOAD
(refer to section 3)
150
nF
1.3.6.8
DNL
DNLOUT
-1.5
1.5
LSB
1.3.6.9
INL TQA
INLOUT
Best fit, rDAC=12bit
-5
5
LSB
1.3.6.10
INL TQE
INLOUT_TQE
Best fit, rDAC=12bit,
temperature range TAMB_TQE
-8
8
LSB
1.3.6.11
Output leakage current
at 150°C
IOUT_LEAK
In case of power or
ground loss
-25
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com