Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3136 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3136 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSSC3136 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 22, 2016
3
Application Circuit Examples
The application circuits contain external components that are needed for overvoltage, reverse polarity, and short
circuit protection.
Note:
Also check the ZSSC313x application notes for application examples and board layout.
Table 3.1
External Components for Application Circuit Examples
Symbol
Component
Min
Typ
2)
Max
Unit
Remarks
C1
Capacitor
100
470
nF
C2
Capacitor
100
nF
C3
1)
Capacitor
4
47
160
nF
Value includes the load capacitor C3 and the
capacitance of the connection cable.
C4, C5
1)
Capacitor
0
10
nF
Recommended to increase EMI immunity.
Value includes the filter capacitor C4 and C5
and the sensor connection line capacitance.
R1
Resistor
10
kΩ
See Figure 3.3 for location.
1)
Increasing capacitors C3, C4, and C5 increases EMI immunity.
2)
Dimensioning is only for example and must be adapted to the requirements of the application.
Figure 3.1
Application with On-Chip Diode Temperature Sensor
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
C5
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com