Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3136 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3136 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC3136 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 22, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7. System Response
1.3.7.1
Startup time
1) 3)
(To 1
st output, ROM check
disabled)
tSTARTUP
1-step ADC, fOSC=3MHz
rADC=14bit)
35
ms
1.3.7.2
Response time
1)
(100% input step; refer to
Table 2.2)
tRESPONSE
1-step ADC, fOSC=4MHz,
rADC=13bit
8.7
13.1
17.4
ms
1.3.7.3
Bandwidth
1)
(In comparison to an
equivalent analog SSC.
Refer to Table 2.2)
BW
1-step ADC
200
Hz
1.3.7.4
Analog output noise
peak-to-peak
1)
VNOISE_PP
Shorted inputs
bandwidth
≤ 10kHz
10
mV
1.3.7.5
Analog output noise
RMS
1)
VNOISE_RMS
Shorted inputs
bandwidth
≤ 10kHz
3
mV
1.3.7.6
Ratiometricity error
RE
Maximum error for
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure
Deviation from ideal line
including INL, gain, offset
and temperature errors.
No sensor-caused effects.
Failure for digital readout
shown in parenthesis.
FOVERALL_TQI
fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQI
0.25
(0.1)
% FS
FOVERALL_TQA fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQA
0.5
(0.25)
% FS
FOVERALL_TQE fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQE
1.0
(0.5)
% FS
1)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
2)
Minimum output voltage to VDDE or maximum output voltage to VSSE.
3)
Depends on resolution and configuration. Start routine begins approximately 0.8ms after power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com