Electronic Components Datasheet Search
  English  ▼

X  

ZWIR4512DEVKITV2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZWIR4512DEVKITV2
Description  Secure Low-Power Wireless IPv6 Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZWIR4512DEVKITV2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZWIR4512DEVKITV2 Datasheet HTML 9Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 10Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 11Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 12Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 13Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 14Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 15Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 16Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ZWIR4512 Datasheet
© 2018 Integrated Device Technology, Inc.
13
November 29, 2018
Parameter
Symbol
Min
Typ
Max
Unit
Number of channels
EU Mode [d]
1 (+3)
US Mode
10
Input/output impedance
50
Ω
Frequency offset
-10
+10
kHz
[a] The fCORE clock can be configured to be 8, 16, 32, or 64 MHz. After reset, the clock is set to 8MHz.
[b] fAPB1 and fAPB2 are derived from fAHB. Therefore, the same tolerances apply to these clocks.
[c] 10dBm output power is only available in US Mode; EU Mode provides 5dBm maximum output power.
[d] The IEEE802.15.4 standard defines only 1 channel for EU Mode, but extension channels are available in almost all EU countries.
4.2
Current Consumption per Operating Mode
Operating Mode
Condition
Typ [a]
Unit
Run Mode
Receiver active
10.5
mA
Transmitter active, EU frequency band, BPSK, 0dBm
16.1
Transmitter active, EU frequency band, QPSK, 0dBm
15.5
Transmitter active, EU frequency band, BPSK, 5dBm
23.4
Transmitter active, EU frequency band, QPSK, 5dBm
22.8
Transmitter active, US frequency band, BPSK, 0dBm
14.9
Transmitter active, US frequency band, QPSK, 0dBm
14.2
Transmitter active, US frequency band, BPSK, 5dBm
18.0
Transmitter active, US frequency band, QPSK, 5dBm
17.3
Transmitter active, US frequency band, BPSK, 10dBm
24.0
Transmitter active, US frequency band, QPSK, 10dBm
23.4
TRX Off
0.7
Stop Mode
TRX Off, RTC running
26.5
µA
Standby Mode
TRX Off, RTC running
3.5
µA
[a] Current consumption values refer to devices operating at 25°C with network stack library version 1.9 and an application that does not generate
a workload on the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com