Electronic Components Datasheet Search
  English  ▼

X  

ZWIR4512DEVKITV2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZWIR4512DEVKITV2
Description  Secure Low-Power Wireless IPv6 Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZWIR4512DEVKITV2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZWIR4512DEVKITV2 Datasheet HTML 12Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 13Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 14Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 15Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 16Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 17Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 18Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 19Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ZWIR4512 Datasheet
© 2018 Integrated Device Technology, Inc.
16
November 29, 2018
5.4.1 Run Mode
In Run Mode, all functions of the module are available. The microcontroller and all its peripherals are powered. Typically the transceiver is also
powered, but it can be disabled by software. The module enters Run Mode automatically after startup. The application software must switch to
one of the other operating modes if required.
5.4.2 Sleep Mode
In Sleep Mode, the microcontroller core is not clocked. The power state of the transceiver and the microcontroller peripherals depends on the
wakeup configuration. All peripherals that are selected as a wakeup source continue to operate. After wakeup, the application program continues
execution at the position it was stopped. Sleep Mode allows reacting to external events such as the reception of data, external interrupts, or
timer events. The power consumption in this mode strongly depends on which peripherals are enabled. The I/O configuration is not changed
during Sleep Mode.
5.4.3 Stop Mode
Stop Mode is an ultra-low-power mode with RAM retention. The MCU core and the MCU peripherals are not clocked. Only the internal real-
time clock or any external pin can be used for triggering wakeup from Stop Mode. After wakeup, the program continues execution at the position
it was stopped. In Stop Mode, all I/Os remain in the configuration that was active when entering Stop Mode.
5.4.4 Standby Mode
Standby Mode is the lowest power mode. The transceiver and all microcontroller peripherals are consequently powered off. RAM contents are
lost. Waking up from Standby Mode can be triggered by a real-time-timer event or by one dedicated pin. When going to Standby Mode, all I/Os
are put into analog input mode, so the application circuit must ensure that external components receive defined signal levels if required. When
the module exits Standby Mode, it is restarted from the reset handler in the same sequence as the restart after power-on or after the reset
button has been pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com