Electronic Components Datasheet Search
  English  ▼

X  

ZWIR4512DEVKITV2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZWIR4512DEVKITV2
Description  Secure Low-Power Wireless IPv6 Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZWIR4512DEVKITV2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZWIR4512DEVKITV2 Datasheet HTML 17Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 18Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 19Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 20Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 21Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 22Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 23Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 24Page - Renesas Technology Corp ZWIR4512DEVKITV2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ZWIR4512 Datasheet
© 2018 Integrated Device Technology, Inc.
21
November 29, 2018
11. Package Outline Drawings
11.1 ZWIR4512AC1
The package outline drawings for the ZWIR4512AC1 parts are appended at the end of this document. The package information is the most
current data available.
11.2 ZWIR4512AC2
The package outline drawings for the ZWIR4512AC2 parts are appended at the end of this document and are accessible from the link below.
The package information is the most current data available.
https://www.idt.com/document/psc/zwir4512-package-outline-drawing-149-x-229-x-365-mm-body-20mm-pitch-mod0
12. Soldering Information
To ensure that soldered connections do not break during the reflow soldering process of the application PCB, the soldering profile described in
Table 12.1 and Figure 12.1 must be maintained. This profile is aligned with the profile defined in the IPC/JEDEC standard J-STD-020D.
Table 12.1 Soldering Profile Parameters (according to J-STD-020D)
Profile Feature
Symbol
Min
Max
Unit
Time 25°C to TP
tH
8
min
Peak package body temperature
TP
260
°C
Preheat / Soak
Soak temperature
TS
100
150
°C
Soak time
tS
60
120
s
Ramp-up
Ramp-up rate
TL to TP
3
°C/s
Time maintained above TL
tL
150
s
Time within 5°C of TP
tP
30
s
Ramp-down
Ramp-down rate
TP to TL
6
°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com