Electronic Components Datasheet Search
  English  ▼

X  

LTC3709 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3709
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3709 Datasheet HTML 9Page - Linear Technology LTC3709 Datasheet HTML 10Page - Linear Technology LTC3709 Datasheet HTML 11Page - Linear Technology LTC3709 Datasheet HTML 12Page - Linear Technology LTC3709 Datasheet HTML 13Page - Linear Technology LTC3709 Datasheet HTML 14Page - Linear Technology LTC3709 Datasheet HTML 15Page - Linear Technology LTC3709 Datasheet HTML 16Page - Linear Technology LTC3709 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC3709
3709f
APPLICATIO S I FOR ATIO
Figure 1. RDS(ON) vs Temperature
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
3709 F01
0.5
0
0
50
100
2.0
The power dissipated by the top and bottom MOSFETs
strongly depends upon their respective duty cycles and
the load current. When the LTC3709 is operating in
continuous mode, the duty cycles for the MOSFETs are:
D
V
V
D
VV
V
TOP
OUT
IN
BOT
IN
OUT
IN
=
=
–
The maximum power dissipation in the MOSFETs per
channel is:
PD
I
R
V
I
Cf
R
DRV
V
V
PD
I
TOP
TOP
OUT MAX
T TOP
DS ON MAX
IN
OUT
RSS
DS ON DRV
CC
GS TH
GS TH
BOT
BOT
OUT MAX
TBOT
=
⎛
⎝
⎜
⎞
⎠
⎟
+
⎛
⎝
⎜
⎞
⎠
⎟
()
+
⎛
⎝
⎜
⎞
⎠
⎟
=
⎛
⎝
⎜
⎞
⎠
⎟
••
•
(. ) •
•
•
• •
–
••
()
()
(
)(
)
()_
()
()
()
()
2
05
2
11
2
2
2
2
ρ
ρ
••
()(
)
RDS ON MAX
Both top and bottom MOSFETs have I2R losses and the top
MOSFET includes an additional term for transition losses,
which are the largest at maximum input voltages. The
bottom MOSFET losses are the greatest when the bottom
duty cycle is near 100%, during a short circuit or at high
input voltage. A much smaller and much lower input
capacitance MOSFET should be used for the top MOSFET
in applications that have an output voltage that is less than
1/3 of the input voltage. In applications where VIN >> VOUT,
the top MOSFETs’ “on” resistance is normally less impor-
tant for overall efficiency than its input capacitance at
operating frequencies above 300kHz. MOSFET manufac-
turers have designed special purpose devices that provide
reasonably low “on” resistance with significantly reduced
input capacitance for the main switch application in switch-
ing regulators.
Operating Frequency
The choice of operating frequency is a tradeoff between
efficiency and component size. Low frequency operation
improves efficiency by reducing MOSFET switching losses
but requires larger inductance and/or capacitance to main-
tain low output ripple voltage.
The operating frequency of LTC3709 applications is deter-
mined implicitly by the one-shot timer that controls the on
time, tON, of the top MOSFET switch. The on-time is set by
the current into the ION pin according to:
t
I
pF
ON
ION
=
()
07
30
.
Tying a resistor from VIN to the ION pin yields an on-time
inversely proportional to VIN. For a down converter, this
results in approximately constant frequency operation as
the input supply varies:
f
V
RpF
OUT
ON
=
()
07
30
.•
PLL and Frequency Synchronization
In the LTC3709, there are two on-chip phase-lock loops
(PLLs). One of the PLLs is used to achieve frequency
locking and phase separation between the two channels
while the second PLL is for locking onto an external clock.
Since the LTC3709 is a constant on-time architecture, the
error signal generated by the phase detector of the PLL is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com