Electronic Components Datasheet Search
  English  ▼

X  

LTC3709 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3709
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3709 Datasheet HTML 14Page - Linear Technology LTC3709 Datasheet HTML 15Page - Linear Technology LTC3709 Datasheet HTML 16Page - Linear Technology LTC3709 Datasheet HTML 17Page - Linear Technology LTC3709 Datasheet HTML 18Page - Linear Technology LTC3709 Datasheet HTML 19Page - Linear Technology LTC3709 Datasheet HTML 20Page - Linear Technology LTC3709 Datasheet HTML 21Page - Linear Technology LTC3709 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC3709
3709f
Output Voltage Tracking
The feedback voltage, VFB, will follow the TRACK pin
voltage when the TRACK pin voltage is less than the
reference voltage, VREF (0.6V). When the TRACK pin
voltage is greater than VREF, the feedback voltage will
servo to VREF. When selecting components for the TRACK
pin, ensure the final steady-state voltage on the TRACK pin
is greater than VREF at the end of the tracking interval.
The LTC3709 allows the user to set up start-up sequenc-
ing among different supplies in either coincident tracking
or ratiometric tracking as shown in Figure 6. To implement
the coincident tracking, connect an extra resistor divider
to the output of supply 1. This resistor divider is selected
to be the same as the divider across supply 2’s output. The
TRACK pin of supply 2 is connected to this extra resistor
divider. For the ratiometric tracking, simply connect the
TRACK pin of supply 2 to the VFB pin of supply 1. Figure 7
shows this implementation. Note that in the coincident
tracking, output voltage of supply 1 has to be set higher
than output voltage of supply 2.
Note that since the shutdown trip point varies from part to
part, the “slave” part’s RUN/SS pin will need to be con-
nected to VCC. This eliminates the possibility that different
LTC3709s may shut down at different times.
If output sequencing is not needed, connect the TRACK
pins to VCC. Do Not Float these pins.
APPLICATIO S I FOR ATIO
Figure 6. Two Different Forms of Output Voltage Sequencing
Figure 7. Setup for Coincident and Ratiometric Tracking
TIME
(6a) Coincident Tracking
VOUT1
VOUT2
TIME
3709 F06
(6b) Ratiometric Tracking
VOUT1
VOUT2
R2
R1
SUPPLY 1
R6
3709 F07
R5
R4
R3
VOUT1
VOUT2
VFB
SUPPLY 2
TRACK
LTC3709
VFB
R3
R4
=
R5
R6
VOUT2 COINCIDENTLY TRACKS VOUT1
R3
R4
=
R1
R2
RATIOMETRIC POWER UP
BETWEEN VOUT1 AND VOUT2
Figure 5. RUN/SS Pin Interfacing with Latchoff Defeated
3.3V OR 5V
RUN/SS
VIN
VCC
RUN/SS
D1
(5a)
(5b)
D2*
CSS
RSS*
CSS
*OPTIONAL TO OVERRIDE
OVERCURRENT LATCHOFF
RSS*
3709 F05
2N7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com