Electronic Components Datasheet Search
  English  ▼

X  

LTC3709 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3709
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709 Datasheet(HTML) 2 Page - Linear Technology

  LTC3709 Datasheet HTML 1Page - Linear Technology LTC3709 Datasheet HTML 2Page - Linear Technology LTC3709 Datasheet HTML 3Page - Linear Technology LTC3709 Datasheet HTML 4Page - Linear Technology LTC3709 Datasheet HTML 5Page - Linear Technology LTC3709 Datasheet HTML 6Page - Linear Technology LTC3709 Datasheet HTML 7Page - Linear Technology LTC3709 Datasheet HTML 8Page - Linear Technology LTC3709 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC3709
3709f
Input Supply Voltage (VCC, DRVCC) ............ 7V to – 0.3V
Boosted Topside Driver Supply Voltage
(BOOST1, BOOST2) .................................. 37V to – 0.3V
Switch Voltage (SW1, 2) ............................. 31V to – 1V
SENSE1+, SENSE2+ Voltages ....................... 31V to – 1V
SENSE1–, SENSE2– Voltages .................... 10V to – 0.3V
ION Voltage ............................................... 31V to –0.3V
(BOOST – SW) Voltages .............................. 7V to – 0.3V
RUN/SS, PGOOD Voltages .......................... 7V to – 0.3V
TRACK Voltage ............................................7V to – 0.3V
VRNG Voltage ................................. VCC + 0.3V to – 0.3V
ITH Voltage ............................................... 2.7V to – 0.3V
VFB Voltage .............................................. 2.7V to – 0.3V
INTLPF, EXTLPF Voltages ........................ 2.7V to – 0.3V
VOS+, VOS– Voltages ................................... 7V to – 0.3V
FCB Voltage ................................................ 7V to – 0.3V
Operating Temperature Range ................ – 40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range ................ – 65°C to 125°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
LTC3709EUH
EXPOSED PAD IS SGND (PIN 33)
MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 34°C/ W
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
RUN/SS
ITH
VFB
TRACK
SGND
SGND
VOS
–
DIFFOUT
SENSE1–
PGND1
BG1
DRVCC
BG2
PGND2
SENSE2–
VCC
(Note 1)
UH PART MARKING
3709
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = DRVCC = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Main Control Loop
IQ
Input DC Supply Current
Normal
2.4
3
mA
Shutdown
25
65
µA
IFB
FB Pin Input Current
ITH = 1.2V (Note 3)
– 35
– 60
nA
VFB
Feedback Voltage
ITH = 1.2V (Note 3)
●
0.594
0.600
0.606
V
∆VFB(LINEREG)
Feedback Voltage Line Regulation
VIN = 4V to 6.5V (Note 3)
0.02
%/V
∆VFB(LOADREG)
Feedback Voltage Load Regulation
ITH = 0.5V to 2V (Note 3)
– 0.12
– 0.2
%
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
1.3
1.45
1.6
mS
tON
On-Time
VIN = 20V, ION = 180µA
90
116
140
ns
VIN = 20V, ION = 90µA
180
233
280
ns
tON(MIN)
Minimum On-Time
VIN = 20V, ION = 540µA
45
100
ns
tOFF(MIN)
Minimum Off-Time
VIN = 20V, ION = 90µA
250
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com