Electronic Components Datasheet Search
  English  ▼

X  

HCGHA Datasheet(PDF) 3 Page - AIC tech Inc.

Part # HCGHA
Description  Useful of 4,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGHA Datasheet(HTML) 3 Page - AIC tech Inc.

  HCGHA Datasheet HTML 1Page - AIC tech Inc. HCGHA Datasheet HTML 2Page - AIC tech Inc. HCGHA Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
012345
1,000
10,000
100,000
1,000,000
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=105
℃
Ta=85
℃
Ta=70
℃
Ta=55
℃
Ta=40
℃
Series
HCGHA
(400WV)
1,000
10,000
100,000
1,000,000
012345
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=105
℃
Ta=85
℃
Ta=70
℃
Ta=55
℃
Ta=40
℃
Series
HCGHA
(
≦250WV)
Life time graph
 Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 105℃,120Hz
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃,120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
160
470
36
×53
0.15
1.0
277
261
18
HCGHA2C471
ⅠA053PH
680
36
×53
0.15
1.1
191
180
18
HCGHA2C681
ⅠA053PH
1,000
36
×83
0.15
1.7
130
120
18
HCGHA2C102
ⅠA083PH
1,500
36
×83
0.15
2.0
87
80
18
HCGHA2C152
ⅠA083PH
2,200
36
×100
0.15
2.7
59
53
18
HCGHA2C222
ⅠA100PH
3,300
51
×75
0.15
3.5
40
35
21
HCGHA2C332YC075PH
4,700
51
×96
0.15
4.4
30
25
21
HCGHA2C472YC096PH
6,800
64
×96
0.15
5.9
22
23
22
HCGHA2C682YD096PH
10,000
77
×96
0.15
7.6
15
16
24
HCGHA2C103YE096PH
15,000
77
×130
0.15
10.3
14
14
24
HCGHA2C153YE130PH
22,000
90
×131
0.15
13.2
10
10
24
HCGHA2C223YF131PH
200
330
36
×53
0.15
0.8
395
372
18
HCGHA2D331
ⅠA053PH
470
36
×53
0.15
1.0
277
261
18
HCGHA2D471
ⅠA053PH
680
36
×53
0.15
1.1
191
180
18
HCGHA2D681
ⅠA053PH
1,000
36
×83
0.15
1.7
120
100
18
HCGHA2D102
ⅠA083PH
1,500
36
×100
0.15
2.2
100
85
18
HCGHA2D152
ⅠA100PH
2,200
51
×75
0.15
2.8
68
60
21
HCGHA2D222YC075PH
3,300
51
×96
0.15
3.7
45
35
21
HCGHA2D332YC096PH
4,700
64
×96
0.15
4.9
31
27
22
HCGHA2D472YD096PH
6,800
64
×115
0.15
6.3
21
20
22
HCGHA2D682YD115PH
10,000
77
×115
0.15
8.1
14
14
24
HCGHA2D103YE115PH
15,000
90
×131
0.15
10.9
10
10
24
HCGHA2D153YF131PH
250
330
36
×53
0.15
0.8
285
268
18
HCGHA2E331
ⅠA053PH
470
36
×53
0.15
1.0
200
187
18
HCGHA2E471
ⅠA053PH
680
36
×83
0.15
1.4
138
131
18
HCGHA2E681
ⅠA083PH
1,000
36
×100
0.15
1.9
84
70
18
HCGHA2E102
ⅠA100PH
1,500
51
×75
0.15
2.3
56
50
21
HCGHA2E152YC075PH
2,200
51
×96
0.15
3.1
50
45
21
HCGHA2E222YC096PH
3,300
64
×96
0.15
4.2
36
35
22
HCGHA2E332YD096PH
4,700
64
×115
0.15
5.4
25
23
22
HCGHA2E472YD115PH
6,800
77
×115
0.15
6.9
18
18
24
HCGHA2E682YE115PH
10,000
77
×155
0.15
9.3
13
13
24
HCGHA2E103YE155PH
15,000
90
×157
0.15
12.2
9
9
24
HCGHA2E153YF157PH
400
1,000
51
×75
0.15
2.5
102
105
21
HCGHA2G102YC075PH
1,200
51
×96
0.15
3.0
85
88
21
HCGHA2G122YC096PH
1,500
51
×115
0.15
3.6
68
70
21
HCGHA2G152YC115PH
1,800
51
×130
0.15
4.1
57
58
21
HCGHA2G182YC130PH
2,200
64
×96
0.15
4.5
46
48
22
HCGHA2G222YD096PH
2,700
64
×115
0.15
5.3
38
40
22
HCGHA2G272YD115PH
3,300
64
×130
0.15
6.2
30
32
22
HCGHA2G332YD130PH
3,900
64
×155
0.15
7.2
26
28
22
HCGHA2G392YD155PH
77
×115
0.15
6.8
26
28
24
HCGHA2G392YE115PH
4,700
64
×195
0.15
8.7
21
22
22
HCGHA2G472YD195PH
77
×130
0.15
7.8
21
22
24
HCGHA2G472YE130PH
5,600
64
×195
0.15
9.6
18
19
22
HCGHA2G562YD195PH
77
×155
0.15
9.2
18
19
24
HCGHA2G562YE155PH
6,800
90
×157
0.15
10.7
15
15
24
HCGHA2G682YF157PH
8,200
90
×157
0.15
11.8
12
15
24
HCGHA2G822YF157PH
10,000
90
×196
0.15
14.1
10
15
24
HCGHA2G103YF196PH
HCGHA Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com