Electronic Components Datasheet Search
  English  ▼

X  

HCGHA Datasheet(PDF) 1 Page - AIC tech Inc.

Part # HCGHA
Description  Useful of 4,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGHA Datasheet(HTML) 1 Page - AIC tech Inc.

  HCGHA Datasheet HTML 1Page - AIC tech Inc. HCGHA Datasheet HTML 2Page - AIC tech Inc. HCGHA Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Product Specifications
HCGHA Series
• Conform RoHS
Features
• Useful life of 4,000 hours at 105℃ through
improvement of electrolyte liquid
Terminal permissible currents: 60Arms for M5.
Please use this type of capacitor at a terminal current below
the permissible.
Bracket
• See page 22-23 for shapes and dimensions.
• Product names in the Standard Products Table correspond to the
bracket for Type Y (Type
Ⅰ for φ36 only), but Type
bracket may be
used (Type of bracket code =
Ⅰ).
• If bracket are not necessary, enter
“N”for the type of bracket code.
• Bracket will be delivered separately.
Type of series
(Example) HCGHA series 400V 5,600
μF±20%
HCGHA 2G 562 Y D 195 PH
Sealing code
Case height code
Case dia code
Type of brcket code
Capacitance code
Rated voltage code
Product code
Dimensions
(unit
:mm)
φDP
T
φd
Hexagon-
head bolt
Cap material
36
12.7
6.5
8.0
M5
×10
Phenol resin
51
22.0
5.5
10.0
M5
×10
Phenol resin
64
28.6
5.5
10.0
M5
×10
Phenol resin
77
31.5
5.0
10.0
M5
×10
Phenol resin
90
31.5
5.0
10.0
M5
×10
Phenol resin
Insulation plate
Insulation sleeve
Vent
Anode marking
φD±1
Hexagon-head bolt
L±2
T±1
Ripple current correction coefficient
Temperature (
℃)
40
55
70
85
105
Correction
coefficient
25
∼ 250V.DC
4.9
3.9
3.0
1.8
1.0
400V.DC
3.8
3.3
2.5
2.0
1.0
Frequency (Hz)
50 / 60
120
300
1K
≧10K
Correction coefficient
0.8
1.0
1.1
1.3
1.4
Refer to page 21 for product code.
Items
Specifications
Temperature range
−40℃∼ +105℃
Rated voltage
25
∼ 400V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.01CV (
μA) or 5mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard products table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 2,000 hours :
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
→
VG
High-ripple current
P.32
HCGHA


Similar Part No. - HCGHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCGHA ETC-HCGHA Datasheet
211Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA1E1031 ETC-HCGHA1E1031 Datasheet
211Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA1E104Y ETC-HCGHA1E104Y Datasheet
211Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA1E1531 ETC-HCGHA1E1531 Datasheet
211Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA1E154Y ETC-HCGHA1E154Y Datasheet
211Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - HCGHA

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
GX2 AICTECH-GX2 Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
HCG7A AICTECH-HCG7A Datasheet
68Kb / 3P
Useful of 4,000 hours at 105ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HU AICTECH-HU Datasheet
90Kb / 4P
Useful of 4,000 hours at 105ºC
HU3 AICTECH-HU3 Datasheet
80Kb / 4P
Useful of 4,000 hours at 105ºC
RIDOHL AICTECH-RIDOHL Datasheet
817Kb / 3P
Useful of 5,000 hours at 105ºC
ZR AICTECH-ZR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGL AICTECH-VGL Datasheet
83Kb / 3P
Useful of 8,000 hours at 105ºC
VGR AICTECH-VGR Datasheet
83Kb / 3P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com