Electronic Components Datasheet Search
  English  ▼

X  

HCGHA Datasheet(PDF) 2 Page - AIC tech Inc.

Part # HCGHA
Description  Useful of 4,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGHA Datasheet(HTML) 2 Page - AIC tech Inc.

  HCGHA Datasheet HTML 1Page - AIC tech Inc. HCGHA Datasheet HTML 2Page - AIC tech Inc. HCGHA Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
25
10,000
36
×53
0.35
2.9
32
30
18
HCGHA1E103
ⅠA053PH
15,000
36
×83
0.35
4.2
27
27
18
HCGHA1E153
ⅠA083PH
22,000
36
×83
0.35
5.1
22
23
18
HCGHA1E223
ⅠA083PH
33,000
36
×100
0.40
6.3
15
16
18
HCGHA1E333
ⅠA100PH
47,000
51
×75
0.40
8.0
10
11
21
HCGHA1E473YC075PH
68,000
51
×115
0.50
10.0
7
8
21
HCGHA1E683YC115PH
100,000
64
×96
0.60
11.3
6
7
22
HCGHA1E104YD096PH
150,000
64
×115
0.80
12.9
6
7
22
HCGHA1E154YD115PH
220,000
77
×115
1.00
14.8
4
5
24
HCGHA1E224YE115PH
330,000
90
×131
1.00
19.9
4
5
24
HCGHA1E334YF131PH
35
6,800
36
×53
0.30
2.6
42
37
18
HCGHA1V682
ⅠA053PH
10,000
36
×83
0.30
3.7
29
31
18
HCGHA1V103
ⅠA083PH
15,000
36
×83
0.30
4.5
19
20
18
HCGHA1V153
ⅠA083PH
22,000
36
×100
0.35
5.5
14
15
18
HCGHA1V223
ⅠA100PH
33,000
51
×75
0.40
6.7
12
13
21
HCGHA1V333YC075PH
47,000
51
×96
0.45
8.1
8
9
21
HCGHA1V473YC096PH
68,000
51
×115
0.50
10.0
7
8
21
HCGHA1V683YC115PH
100,000
64
×115
0.60
12.1
6
7
22
HCGHA1V104YD115PH
150,000
77
×115
0.70
13.8
5
7
24
HCGHA1V154YE115PH
220,000
90
×131
0.70
17.6
5
7
24
HCGHA1V224YF131PH
50
3,300
36
×53
0.20
2.2
90
80
18
HCGHA1H332
ⅠA053PH
4,700
36
×53
0.25
3.3
64
58
18
HCGHA1H472
ⅠA053PH
6,800
36
×83
0.25
3.4
44
39
18
HCGHA1H682
ⅠA083PH
10,000
36
×83
0.25
4.1
30
28
18
HCGHA1H103
ⅠA083PH
15,000
36
×100
0.30
4.9
20
20
18
HCGHA1H153
ⅠA100PH
22,000
51
×75
0.35
5.9
14
15
21
HCGHA1H223YC075PH
33,000
51
×115
0.40
7.8
13
14
21
HCGHA1H333YC115PH
47,000
64
×96
0.40
9.5
11
12
22
HCGHA1H473YD096PH
68,000
64
×115
0.45
11.6
8
9
22
HCGHA1H683YD115PH
100,000
77
×115
0.50
14.1
6
7
24
HCGHA1H104YE115PH
150,000
90
×131
0.50
18.9
5
7
24
HCGHA1H154YF131PH
63
2,200
36
×53
0.15
2.1
95
87
18
HCGHA1J222
ⅠA053PH
3,300
36
×53
0.20
2.2
63
58
18
HCGHA1J332
ⅠA053PH
4,700
36
×83
0.20
3.1
54
50
18
HCGHA1J472
ⅠA083PH
6,800
36
×83
0.20
3.7
38
35
18
HCGHA1J682
ⅠA083PH
10,000
36
×100
0.25
4.4
28
28
18
HCGHA1J103
ⅠA100PH
15,000
51
×75
0.25
5.7
21
22
21
HCGHA1J153YC075PH
22,000
51
×96
0.30
6.8
13
14
21
HCGHA1J223YC096PH
33,000
64
×96
0.30
9.2
10
11
22
HCGHA1J333YD096PH
47,000
64
×115
0.35
10.9
8
9
22
HCGHA1J473YD115PH
68,000
77
×115
0.40
13.0
7
8
24
HCGHA1J683YE115PH
100,000
90
×131
0.40
17.2
7
8
24
HCGHA1J104YF131PH
80
2,200
36
×53
0.15
2.1
68
63
18
HCGHA1K222
ⅠA053PH
3,300
36
×83
0.15
3.0
45
42
18
HCGHA1K332
ⅠA083PH
4,700
36
×83
0.15
3.6
32
30
18
HCGHA1K472
ⅠA083PH
6,800
36
×100
0.20
4.0
22
23
18
HCGHA1K682
ⅠA100PH
10,000
51
×75
0.20
5.2
15
16
21
HCGHA1K103YC075PH
15,000
51
×96
0.25
6.2
10
11
21
HCGHA1K153YC096PH
22,000
64
×96
0.25
8.2
9
10
22
HCGHA1K223YD096PH
33,000
77
×96
0.30
9.7
7
7
24
HCGHA1K333YE096PH
47,000
77
×115
0.30
12.5
6
7
24
HCGHA1K473YE115PH
68,000
90
×131
0.30
16.4
4
7
24
HCGHA1K683YF131PH
100
1,000
36
×53
0.15
1.4
112
100
18
HCGHA2A102
ⅠA053PH
1,500
36
×53
0.15
1.7
75
67
18
HCGHA2A152
ⅠA053PH
2,200
36
×83
0.15
2.5
51
47
18
HCGHA2A222
ⅠA083PH
3,300
36
×83
0.15
3.0
34
32
18
HCGHA2A332
ⅠA083PH
4,700
36
×100
0.15
3.9
24
24
18
HCGHA2A472
ⅠA100PH
6,800
51
×75
0.15
5.0
19
20
21
HCGHA2A682YC075PH
10,000
51
×96
0.15
6.5
13
14
21
HCGHA2A103YC096PH
15,000
64
×96
0.20
7.6
11
12
22
HCGHA2A153YD096PH
22,000
77
×96
0.20
9.7
8
9
24
HCGHA2A223YE096PH
33,000
77
×130
0.25
11.8
6
7
24
HCGHA2A333YE130PH
47,000
90
×131
0.25
15.0
5
7
24
HCGHA2A473YF131PH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com