Electronic Components Datasheet Search
  English  ▼

X  

MPC603 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC603
Description  PowerPC™ 603 RISC Microprocessor Technical Summary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC603 Datasheet HTML 13Page - NXP Semiconductors MPC603 Datasheet HTML 14Page - NXP Semiconductors MPC603 Datasheet HTML 15Page - NXP Semiconductors MPC603 Datasheet HTML 16Page - NXP Semiconductors MPC603 Datasheet HTML 17Page - NXP Semiconductors MPC603 Datasheet HTML 18Page - NXP Semiconductors MPC603 Datasheet HTML 19Page - NXP Semiconductors MPC603 Datasheet HTML 20Page - NXP Semiconductors MPC603 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PowerPC 603 RISC Microprocessor Technical Summary
17
Note that this grouping of the instructions does not indicate which execution unit executes a particular
instruction or group of instructions.
Integer instructions operate on byte, half-word, and word operands. Floating-point instructions operate on
single-precision (one word) and double-precision (one double word) floating-point operands. The PowerPC
architecture uses instructions that are four bytes long and word-aligned. It provides for byte, half-word, and
word operand loads and stores between memory and a set of 32 GPRs. It also provides for word and double-
word operand loads and stores between memory and a set of 32 floating-point registers (FPRs).
Computational instructions do not modify memory. To use a memory operand in a computation and then
modify the same or another memory location, the memory contents must be loaded into a register, modified,
and then written back to the target location with distinct instructions.
PowerPC processors follow the program flow when they are in the normal execution state. However, the
flow of instructions can be interrupted directly by the execution of an instruction or by an asynchronous
event. Either kind of exception may cause one of several components of the system software to be invoked.
3.3.1.2 Calculating Effective Addresses
The effective address (EA) is the 32-bit address computed by the processor when executing a memory
access or branch instruction or when fetching the next sequential instruction.
The PowerPC architecture supports two simple memory addressing modes:
•
EA = (rA|0) + offset (including offset = 0) (register indirect with immediate index)
•
EA = (rA|0) + rB (register indirect with index)
These simple addressing modes allow efficient address generation for memory accesses. Calculation of the
effective address for aligned transfers occurs in a single clock cycle.
For a memory access instruction, if the sum of the effective address and the operand length exceeds the
maximum effective address, the memory operand is considered to wrap around from the maximum effective
address to effective address 0.
Effective address computations for both data and instruction accesses use 32-bit unsigned binary arithmetic.
A carry from bit 0 is ignored in 32-bit implementations.
3.3.2 PowerPC 603 Microprocessor Instruction Set
The 603 instruction set is defined as follows:
•
The 603 provides hardware support for all 32-bit PowerPC instructions.
•
The 603 provides two implementation-specific instructions used for software table search
operations following TLB misses:
– Load Data TLB Entry (tlbld)
– Load Instruction TLB Entry (tlbli)
•
The 603 implements the following instructions which are defined as optional by the PowerPC
architecture:
– External Control In Word Indexed (eciwx)
– External Control Out Word Indexed (ecowx)
– Floating Select (fsel)
– Floating Reciprocal Estimate Single-Precision (fres)
– Floating Reciprocal Square Root Estimate (frsqrte)
– Store Floating-Point as Integer Word (stfiwx)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com