Electronic Components Datasheet Search
  English  ▼

X  

MPC603 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC603
Description  PowerPC™ 603 RISC Microprocessor Technical Summary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC603 Datasheet HTML 7Page - NXP Semiconductors MPC603 Datasheet HTML 8Page - NXP Semiconductors MPC603 Datasheet HTML 9Page - NXP Semiconductors MPC603 Datasheet HTML 10Page - NXP Semiconductors MPC603 Datasheet HTML 11Page - NXP Semiconductors MPC603 Datasheet HTML 12Page - NXP Semiconductors MPC603 Datasheet HTML 13Page - NXP Semiconductors MPC603 Datasheet HTML 14Page - NXP Semiconductors MPC603 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PowerPC 603 RISC Microprocessor Technical Summary
11
•
PowerPC virtual environment architecture (VEA)—Describes the memory model for a
multiprocessor environment, defines cache control instructions, and describes other aspects of
virtual environments. Implementations that conform to the VEA also adhere to the UISA, but may
not necessarily adhere to the OEA.
•
PowerPC operating environment architecture (OEA)—Defines the memory management model,
supervisor-level registers, synchronization requirements, and the exception model.
Implementations that conform to the OEA also adhere to the UISA and the VEA.
The PowerPC architecture allows a wide range of designs for such features as cache and system interface
implementations.
Part 3 PowerPC 603 Microprocessor: Implementation
The PowerPC architecture is derived from the IBM POWER Architecture™ (Performance Optimized with
Enhanced RISC architecture). The PowerPC architecture shares the benefits of the POWER architecture
optimized for single-chip implementations. The PowerPC architecture design facilitates parallel instruction
execution and is scalable to take advantage of future technological gains.
This section describes the PowerPC architecture in general, and specific details about the implementation
of the 603 as a low-power, 32-bit member of the PowerPC processor family.
•
Features—Section 3.1, “Features,” describes general features that the 603 shares with the PowerPC
microprocessor family.
•
Registers and programming model—Section 3.2, “PowerPC Registers and Programming Model,”
describes the registers for the operating environment architecture common among PowerPC
processors and describes the programming model. It also describes the additional registers that are
unique to the 603.
•
Instruction set and addressing modes—Section 3.3, “Instruction Set and Addressing Modes,”
describes the PowerPC instruction set and addressing modes for the PowerPC operating
environment architecture, and defines and describes the PowerPC instructions implemented in the
603.
•
Cache implementation—Section 3.4, “Cache Implementation,” describes the cache model that is
defined generally for PowerPC processors by the virtual environment architecture. It also provides
specific details about the 603 cache implementation.
•
Exception model—Section 3.5, “Exception Model,” describes the exception model of the PowerPC
operating environment architecture and the differences in the 603 exception model.
•
Memory management—Section 3.6, “Memory Management,” describes generally the conventions
for memory management among the PowerPC processors. This section also describes the 603’s
implementation of the 32-bit PowerPC memory management specification.
•
Instruction timing—Section 3.7, “Instruction Timing,” provides a general description of the
instruction timing provided by the superscalar, parallel execution supported by the PowerPC
architecture and the 603.
•
System interface—Section 3.8, “System Interface,” describes the signals implemented on the 603.
3.1 Features
The 603 is a high-performance, superscalar PowerPC microprocessor. The PowerPC architecture allows
optimizing compilers to schedule instructions to maximize performance through efficient use of the
PowerPC instruction set and register model. The multiple, independent execution units allow compilers to
optimize instruction throughput. Compilers that take advantage of the flexibility of the PowerPC
architecture can additionally optimize system performance of the PowerPC processors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com